Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 27Page - STMicroelectronics L99MH98 Datasheet HTML 28Page - STMicroelectronics L99MH98 Datasheet HTML 29Page - STMicroelectronics L99MH98 Datasheet HTML 30Page - STMicroelectronics L99MH98 Datasheet HTML 31Page - STMicroelectronics L99MH98 Datasheet HTML 32Page - STMicroelectronics L99MH98 Datasheet HTML 33Page - STMicroelectronics L99MH98 Datasheet HTML 34Page - STMicroelectronics L99MH98 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 147 page
background image
4.2.2
Vds measurement
The L99MH98 is able to reflect the drain to source voltage across each of the external MOSFETs with some gain
on one of the two CSOx pins. This is done for both the low and high side MOSFETs using an analog multiplexer.
This allows the user, through SPI, to select and monitor the drain to source voltage on any MOSFET for the
purpose of load current estimation. The selected drain source voltage is reflected on the CSOx pin when the
MOSFET is fully on. To do this, the CSOx pins are tri-stated when the selected MOSFET is OFF and enabled,
after some dead time, when the MOSFET is ON. This allows a small capacitor on the CSOx pin to sustain the
amplified drain to source voltage for reliable conversion by the ADC of the microcontroller.
The CSO1 and CSO2 outputs can be enabled/disabled by the CSOENx, x = 1...2, registers. In case of disable the
output is in high impedance.
The Vds of all 16 MOSFETs connected to L99MH98 can be measured. To map one of the Vds to one of the two
CSOx, the two CSOSIGx, x = 1...2, and CSOSHx, x = 1...2, registers must be used (see the Table 25).
To read the Vds voltage the device uses internal current sense amplifiers circuits. In this way, the L99MH98 can
reflect the drain to source voltage across each of the external MOSFETs, with a gain on one of the two CSOx
pins. This is possible for both low and high side MOSFETs using an analog multiplexer. The error of the selected
gain is included in the total error parameter.
The total gain of the CSOx is composed by the contribution of two different stages:
•
The gain of the first stage is related to the drain-source monitoring thresholds of the used MOSFET
(VDS_CONFx bits). By setting the drain-source monitoring threshold to 75 mV (VDS_CONFx = 0000) or
150 mV (VDS_CONFx = 0001), the gain of the first stage will be set to 10 [V/V]. For drain-source
monitoring thresholds from 200 mV (VDS_CONFx = 0010) to 400 mV (VDS_CONFx = 0101), however, the
gain of the first stage is set to 2.5 V/V.
•
The second stage gain, on the other hand, is controlled by a bit for each CSO channel, CSO_GAIN_SELx
register. In this case the gain does not refer on how the single MOSFET is set, but it is a parameter related
to the single CSO channel. When CSO_GAIN_SEL = 0 the gain set is 1.5 V/V, when CSO_GAIN_SEL = 1
is 3 V/V.
The total gain is, therefore, given by the product of the two selected gains.
The choice of the gains will be made according to the output voltage of the CSOx. Since the validity of the output
of the CSOx is granted if its value is in the range between 0.1 V and VDD-0.3 V, the gains to choose must be set
to obtain a compatible CSO output value (approximately in the middle of this range), starting from the considered
input value of Vds.
Table 25. Vds mapping on CSO1 and CSO2
CSOSIGx
CSOSHx
Setting
0
000
Vds of the HS1 mapped on the CSOx
0
001
Vds of the HS2 mapped on the CSOx
0
010
Vds of the HS3 mapped on the CSOx
0
011
Vds of the HS4 mapped on the CSOx
0
100
Vds of the HS5 mapped on the CSOx
0
101
Vds of the HS6 mapped on the CSOx
0
110
Vds of the HS7 mapped on the CSOx
0
111
Vds of the HS8 mapped on the CSOx
1
000
Vds of the LS1 mapped on the CSOx
1
001
Vds of the LS2 mapped on the CSOx
1
010
Vds of the LS3 mapped on the CSOx
1
011
Vds of the LS4 mapped on the CSOx
1
100
Vds of the LS5 mapped on the CSOx
1
101
Vds of the LS6 mapped on the CSOx
1
110
Vds of the LS7 mapped on the CSOx
L99MH98
Gates driver
DS14611 - Rev 3
page 31/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com