Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 4 Page - STMicroelectronics

  L99MH98 Datasheet HTML 1Page - STMicroelectronics L99MH98 Datasheet HTML 2Page - STMicroelectronics L99MH98 Datasheet HTML 3Page - STMicroelectronics L99MH98 Datasheet HTML 4Page - STMicroelectronics L99MH98 Datasheet HTML 5Page - STMicroelectronics L99MH98 Datasheet HTML 6Page - STMicroelectronics L99MH98 Datasheet HTML 7Page - STMicroelectronics L99MH98 Datasheet HTML 8Page - STMicroelectronics L99MH98 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 147 page
background image
1.2
Pin description
Figure 2. Pin connection (top view)
1
DIODE1
CSO2
SCLK
GND
VDD
CSO1
CSN
DIODE4
CP1P
VDH
CP1N
CPOUT
EN
SDI
CP2P
PWM3
PWM2
SL
CP2N
DIODE3
PWM1
DIAGN
DIODE2
SDO
13
25
37
Table 1. Pin function
#
Name
Function
1
SDO
SDO serial data output
2
SDI
SDI serial data input with internal pull-down
3
SCLK
SCLK serial clock input with internal pull-down
4
CSN
CSN chip select not with internal pull-up
5
CSO1
CSO1 current sense amplifier output1
6
VDD
VDD logic supply
7
EN
EN enable input with internal pull-down
8
CSO2
CSO2 current sense amplifier output 2
9
PWM1
PWM1: PWM input 1
10
PWM2
PWM2: PWM input 2
11
PWM3
PWM3: PWM input 3
12 DIAGN DIAGN: Diagnostic output NOT (active low)
13
GH5
GH5 gate high-side 5: analog output pin to turn on/off high-side MOSFET 5. Connect to the gate of the high
side
14
SH5
SH5 source high-side 5: connection to source of high-side MOSFET 5
15
GL5
GL5 gate low-side 5: analog output pin to turn on/off low-side MOSFET 5. Connect to the gate of the low side
16
GL6
GL6 gate low-side 6: analog output pin to turn on/off low-side MOSFET 6. Connect to the gate of the low side
17
SH6
SH6 source high-side 6: connection to source of high-side MOSFET 6
18
GH6
GH6 gate high-side 6: analog output pin to turn on/off high-side MOSFET 6. Connect to the gate of the high
side
L99MH98
Block diagram and pin description
DS14611 - Rev 3
page 4/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com