Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 2Page - STMicroelectronics L99MH98 Datasheet HTML 3Page - STMicroelectronics L99MH98 Datasheet HTML 4Page - STMicroelectronics L99MH98 Datasheet HTML 5Page - STMicroelectronics L99MH98 Datasheet HTML 6Page - STMicroelectronics L99MH98 Datasheet HTML 7Page - STMicroelectronics L99MH98 Datasheet HTML 8Page - STMicroelectronics L99MH98 Datasheet HTML 9Page - STMicroelectronics L99MH98 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 147 page
background image
2
Electrical specifications
Stressing the device above the rating listed in the Table 2 may cause permanent damage to the device. These are
stress ratings only and operation of the device at these or any other conditions above those indicated in the
operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VDH
Power supply voltage
-0.3
-
28
V
VDH
Single pulse tmax < 400 ms
-
-
40
V
VPWM1
PWM input voltages (PWMx)
-0.3
-
VDD + 0.3
V
VPWM2
PWM input voltages (PWMx)
-0.3
-
VDD + 0.3
V
VPWM3
PWM input voltages (PWMx)
-0.3
-
VDD + 0.3
V
VSDI
SDI logic input voltages
-0.3
-
VDD + 0.3
V
VSCLK
SCLK logic input voltages
-0.3
-
VDD + 0.3
V
VCSN
CSN logic input voltages
-0.3
-
VDD + 0.3
V
VEN
EN logic input voltages
-0.3
-
20
V
VSDO/DIAGN
Voltage range at SDO/DIAGN
-0.3
-
VDD + 0.3
V
VSL
Voltage range at SL
-6.0
-
6
V
VSH
Voltage range at SHx
-6.0
-
VDH
V
VGH
Voltage range at GHx, VCPOUT = +0.3 V
Sxy - 0.3
-
Sxy + 13
V
VGL
Voltage range at GLx, VCPOUT = +0.3 V
Sxy - 0.3
-
Sxy + 13
V
VGS_LS
Voltage difference between GLx and SL
-0.3
-
13
V
VGS_HS
Voltage difference between GHx and SHx
-0.3
-
13
V
VCP1-
CP1 minus
-0.3
-
VDH
V
VCP2-
CP2 minus
-0.3
-
VDH
V
VCP1+
CP1 plus
VDH - 0.3
-
VDH + 13
V
VCP2+
CP2 plus
VDH - 0.6
-
VDH + 13
V
VCPOUT
CP out
VDH - 0.6
-
VDH + 13
V
VDIODE
Voltage at Vdiode pins
-0.3
-
40
V
VDD
Logic supply voltage
-0.3
-
18
V
VCSOx
Voltage at CSOx
-0.3
-
VDD + 0.3
V
Note:
•
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may cause an
irreversible damage of the integrated circuit.
•
Loss of ground or ground shift with externally grounded loads: ESD structures are configured for nominal
currents only. If external loads are connected to different grounds, the current load must be limited to this
nominal current.
L99MH98
Electrical specifications
DS14611 - Rev 3
page 6/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com