Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 58Page - STMicroelectronics L99MH98 Datasheet HTML 59Page - STMicroelectronics L99MH98 Datasheet HTML 60Page - STMicroelectronics L99MH98 Datasheet HTML 61Page - STMicroelectronics L99MH98 Datasheet HTML 62Page - STMicroelectronics L99MH98 Datasheet HTML 63Page - STMicroelectronics L99MH98 Datasheet HTML 64Page - STMicroelectronics L99MH98 Datasheet HTML 65Page - STMicroelectronics L99MH98 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 147 page
background image
Table 41. DSR1 (0x02) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (CR)
0 (CR)
0 (CR)
0 (CR)
0 (CR)
0 (CR)
0 (CR)
0 (CR)
VDSHS8
VDSHS7
VDSHS6
VDSHS5
VDSHS4
VDSHS3
VDSHS2
VDSHS1
VDS
monitoring
HS8
VDS
monitoring
HS7
VDS
monitoring
HS6
VDS
monitoring
HS5
VDS
monitoring
HS4
VDS
monitoring
HS3
VDS
monitoring
HS2
VDS
monitoring
HS1
Table 42. DSR1 (0x02) LSB description
Bit
Name
Description
7
VDSHS8
VDS monitoring flags
Flag VDSHSx (x = 1...8) is set and latched as soon as the VDS of the corresponding HS MOSFET exceeds
the relative threshold (set by VDS_CONFx, x = 1...8) for a time longer than the corresponding filtering time or
blanking filtering time, where the blanking time is applicable. It can be cleared by SPI only if the source of the
fault is no longer present
6
VDSHS7
5
VDSHS6
4
VDSHS5
3
VDSHS4
2
VDSHS3
1
VDSHS2
0
VDSHS1
Table 43. DSR2 (0x03) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (CR)
RES
RES
RES
RES
RES
RES
VDSLS8
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
VDS monitoring LS8
Table 44. DSR2 (0x03) MSB description
Bit
Name
Description
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
RES
Reserved
10
RES
Reserved
9
RES
Reserved
8
VDSLS8
VDS monitoring flags
Flag VDSLSx (x = 1...8) is set and latched as soon as the VDS of the corresponding LS MOSFET exceeds the
relative threshold (set by VDS_CONFx, x = 1...8) for a time longer than the corresponding filtering time or
blanking filtering time, where the blanking time is applicable. It can be cleared by SPI only if the source of the
fault is no longer present
Table 45. DSR2 (0x03) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (CR)
0 (CR)
0 (CR)
0 (CR)
0 (CR)
0 (CR)
0 (CR)
0 (CR)
VDSLS7
VDSLS6
VDSLS5
VDSLS4
VDSLS3
VDSLS2
VDSLS1
CPLOW
L99MH98
SPI Registers
DS14611 - Rev 3
page 62/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com