Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 22Page - STMicroelectronics L99MH98 Datasheet HTML 23Page - STMicroelectronics L99MH98 Datasheet HTML 24Page - STMicroelectronics L99MH98 Datasheet HTML 25Page - STMicroelectronics L99MH98 Datasheet HTML 26Page - STMicroelectronics L99MH98 Datasheet HTML 27Page - STMicroelectronics L99MH98 Datasheet HTML 28Page - STMicroelectronics L99MH98 Datasheet HTML 29Page - STMicroelectronics L99MH98 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 147 page
background image
Figure 10. VDH and VDD high, EN pin goes high and low
VDH
EN
VDD
VENH
3.3 V or 5 V
VENL
V
t
The second case of a possible power-on sequence is shown in the Figure 11. In this case the VDD is raised while
the VDH and EN pins are kept low. After the VDD pin is high and stable, the EN pin is raised to turn on the logic of
the L99MH98 or lowered to turn it off. L99MH98 turns on when the EN pin exceeds the rising VENH threshold and
will turn off when it drops below the falling VENL threshold.
Figure 11. VDH and VDD high, EN pin goes high and low
VDH
EN
VDD
VENH
3.3 V or 5 V
VENL
V
t
Another case of a possible power-on sequence of L99MH98 is shown in the Figure 12. In this case VDD, VDH and
EN pins are raised at the same time with the same slew rate.
Figure 12. VDH, VDD and EN pin goes high and low with the same slew rate
VDH
EN
VDD
3.3 V or 5 V
3.3 V or 5 V
VBAT (13 V typ)
V
t
L99MH98
Functional description
DS14611 - Rev 3
page 26/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com