Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 15Page - STMicroelectronics L99MH98 Datasheet HTML 16Page - STMicroelectronics L99MH98 Datasheet HTML 17Page - STMicroelectronics L99MH98 Datasheet HTML 18Page - STMicroelectronics L99MH98 Datasheet HTML 19Page - STMicroelectronics L99MH98 Datasheet HTML 20Page - STMicroelectronics L99MH98 Datasheet HTML 21Page - STMicroelectronics L99MH98 Datasheet HTML 22Page - STMicroelectronics L99MH98 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 147 page
background image
2.4.14
Indirect current sense output
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, VCP > VDH + 8.5 V, all voltages are referred to
ground and currents are assumed positive when flow into the pin (unless otherwise specified).
Table 20. CSO parameters
Symbol
Parameter
Test condition
Min Typ
Max
Unit
CSOxTOT_error_CHx_50mV Total error 50 mV
VDS HS or LS forces 50 mV, gain
selected 10x1.5(1) validates also for
gain 10x3
-4.6
-
4.6
mV
CSOxTOT_error_CHx_50mV Total error 100 mV
VDS HS or LS forces 100 mV, gain
selected 10x1.5(1) validates also for
gain 10x3
-4.85
-
4.85
mV
CSOxTOT_error_CHx_150mV Total error 150 mV
VDS HS or LS forces 150 mV, gain
selected 2.5x3
-10.5
-
10.5
mV
CSOxTOT_error_CHx_450mV Total error 450 mV
VDS HS or LS forces 450 mV, gain
selected 2.5x3
-10.5
-
10.5
mV
CSOxInR_A
Indirect current sense input
voltage Range A
10
-
140
mV
CSOxInR_B
Indirect current sense input
voltage Range B
120
-
450
mV
CSOxOutR_A
Indirect current sense output
voltage Range A
(1)
0.1
-
VDD - 0.3
V
CSOxOutR_B
Indirect current sense output
voltage Range B
(1)
0.3
-
VDD - 0.3
V
CSOxSetting
Indirect current sense output
setting time
Out from 0.1 V to 2 V (C = 1 nF)(1)
-
-
10
μs
1. Not subject to production test, specified by design.
L99MH98
Electrical specifications
DS14611 - Rev 3
page 19/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com