Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 72 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 68Page - STMicroelectronics L99MH98 Datasheet HTML 69Page - STMicroelectronics L99MH98 Datasheet HTML 70Page - STMicroelectronics L99MH98 Datasheet HTML 71Page - STMicroelectronics L99MH98 Datasheet HTML 72Page - STMicroelectronics L99MH98 Datasheet HTML 73Page - STMicroelectronics L99MH98 Datasheet HTML 74Page - STMicroelectronics L99MH98 Datasheet HTML 75Page - STMicroelectronics L99MH98 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 147 page
background image
Table 78. DIAG_OFF_HS (0x0B) LSB description
Bit
Name
Description
7
VDS_HS8_DIAG
Status of the HSx comparator during diag off, with a symmetric filter of 200 μs
0 = LOW
1 = HIGH
6
VDS_HS7_DIAG
5
VDS_HS6_DIAG
4
VDS_HS5_DIAG
3
VDS_HS4_DIAG
2
VDS_HS3_DIAG
1
VDS_HS2_DIAG
0
VDS_HS1_DIAG
Table 79. DIAG_OFF_LS (0x0C) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
RES
RES
RES
RES
RES
RES
RES
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 80. DIAG_OFF_LS (0x0C) MSB description
Bit
Name
Description
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
RES
Reserved
10
RES
Reserved
9
RES
Reserved
8
RES
Reserved
Table 81. DIAG_OFF_LS (0x0C) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RW)
VDS_LS8_DIAG
VDS_LS7_DIAG
VDS_LS6_DIAG
VDS_LS5_DIAG
VDS_LS4_DIAG
VDS_LS3_DIAG
VDS_LS2_DIAG
VDS_LS1_DIAG
VDS LS8 bit
VDS LS7 bit
VDS LS6 bit
VDS LS5 bit
VDS LS4 bit
VDS LS3 bit
VDS LS2 bit
VDS LS1 bit
Table 82. DIAG_OFF_LS (0x0C) LSB description
Bit
Name
Description
7
VDS_LS8_DIAG
Status of the LSx comparator during diag off, with a symmetric filter of 200 μs
0 = LOW
1 = HIGH
6
VDS_LS7_DIAG
5
VDS_LS6_DIAG
4
VDS_LS5_DIAG
3
VDS_LS4_DIAG
2
VDS_LS3_DIAG
1
VDS_LS2_DIAG
L99MH98
SPI Registers
DS14611 - Rev 3
page 72/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com