Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 50Page - STMicroelectronics L99MH98 Datasheet HTML 51Page - STMicroelectronics L99MH98 Datasheet HTML 52Page - STMicroelectronics L99MH98 Datasheet HTML 53Page - STMicroelectronics L99MH98 Datasheet HTML 54Page - STMicroelectronics L99MH98 Datasheet HTML 55Page - STMicroelectronics L99MH98 Datasheet HTML 56Page - STMicroelectronics L99MH98 Datasheet HTML 57Page - STMicroelectronics L99MH98 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 147 page
background image
6.4.5
Access after RESET scenario
•
Frame n
–
SDI:
◦
Bit 23 = 0 or 1 (read or write command on the OpCode)
◦
Bit 22 = Not used
◦
Bits 21 to 16 = Address of the register to read or write
◦
Bits 15 to 1 = Data to write (if write command was chosen) or all ‘0’ (if read command was
chosen)
◦
Bit 0 = Parity bit
–
SDO:
◦
Bit 23 = 0 (no SPI error or RESET in the previous access)
◦
Bit 22 = GSBN bit (1 = No fault)
◦
Bits 21 to 16 = Address of the register selected in the previous frame (n-1)
◦
Bits 15 to 1 = Data value of the register selected in the previous frame (n-1)
◦
Bit 0 = Parity bit
•
Frame n+1
–
SDI:
◦
Bit 23 = 0 or 1 (read or write command on the OpCode)
◦
Bit 22 = Not used
◦
Bits 21 to 16 = Address of the register to read or write
◦
Bits 15 to 1 = Data to write into the chosen register
◦
Bit 0 = Parity bit
–
SDO:
◦
Bit 23 = 1 (SPI error or RESET event in the previous access)
◦
Bit 22 = GSBN bit (1 = No fault)
◦
Bits 21 to 16 = Address of the STATUS register
◦
Bits 15 to 1 = Data value of the STATUS register
◦
Bit 0 = Parity bit
Figure 37. Access after RESET scenario
Frame n
Read or
Write cmd
Address of the register
to read reg1
Status register bit15, bit14 and bit1 are set to ‘0’  no fault, no reset
Frame n+1
Data field
Reset event between
the two frames SPI
As soon the reset event happens the status register
value is updated with bit15 set to ‘1’
Data value of STATUS register (saved at frame n+1
cs falling) independently of which register has been
selected by SDI during previous frame (n)
SPI Error or RESET
1 means: or SPI error in previous access
(frame n-1) or reset before this access
L99MH98
Serial peripheral interface (SPI)
DS14611 - Rev 3
page 54/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com