Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 37Page - STMicroelectronics L99MH98 Datasheet HTML 38Page - STMicroelectronics L99MH98 Datasheet HTML 39Page - STMicroelectronics L99MH98 Datasheet HTML 40Page - STMicroelectronics L99MH98 Datasheet HTML 41Page - STMicroelectronics L99MH98 Datasheet HTML 42Page - STMicroelectronics L99MH98 Datasheet HTML 43Page - STMicroelectronics L99MH98 Datasheet HTML 44Page - STMicroelectronics L99MH98 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 147 page
background image
SH1 is pulled down by Ishx_PD HB1, so VDS_LS1 = LOW and VDS_HS1 = HIGH. Instead, SH2 is pulled up by
Ishx_PU HB2: VDS_LS2 = HIGH and VDS_HS2 = HIGH.
The Figure 26 and Table 29 summarize the results obtained with an open load at SH1.
Figure 26. One motor - Diagnostic results with an open load at SH1
+
-
VDS_HSx_DIAG
+
-
VDS_LSx_DIAG
VDH
GND
VSHx_OL
IPD
IPU
IPD
IPU
SH1
SH2
GND
GND
VSHx_OL
M
+
-
VDS_HSx_DIAG
+
-
VDS_LSx_DIAG
GH1
GL1
GH2
GL2
HIGH
VODLS = 1.8 V
VODLS = 1.8 V
VODHS = 1.8 V
VODHS = 1.8 V
VDS_LSx
VDS_HSx
VDS_HSx
HIGH
LOW
LOW
+
-
+
-
+
-
+
-
VDS_LSx
Table 29. Truth table open load - SH1 disconnected
Configuration
IPU HB1
IPU HB2
IPD HB1
IPD HB2
VDS_LS1
VDS_LS2
VDS_HS1
VDS_HS2
1
OFF
OFF
ON
ON
LOW
LOW
HIGH
HIGH
2
ON
OFF
OFF
ON
HIGH
LOW
HIGH
HIGH
3
OFF
ON
ON
OFF
LOW
HIGH
HIGH
HIGH
5.4.7
Open load - SH2 is disconnected
Similarly, a motor disconnection at SH2 shows the same result as for a motor disconnection at SH1 (see the
Figure 27). Therefore, the Table 29 is valid for an open load, independently from the location of the disconnection.
Figure 27. One motor - Diagnostic results with an open load at SH2
+
-
VDS_HSx_DIAG
+
-
VDS_LSx_DIAG
VDH
GND
VSHx_OL
IPD
IPU
IPD
IPU
SH1
SH2
GND
GND
VSHx_OL
M
VDS_HSx
+
-
VDS_HSx_DIAG
VDS_LSx
+
-
VDS_LSx_DIAG
GH1
GL1
GH2
GL2
LOW
HIGH
LOW
HIGH
VODLS = 1.8 V
VODLS = 1.8 V
VODHS = 1.8 V
VODHS = 1.8 V
VDS_HSx
+
-
+
-
+
-
+
-
VDS_LSx
5.5
Summary of the off-state diagnostic
When compiling the results from the Table 26, Table 27, Table 28 and Table 29, we see that the test configuration
1 and the test configuration 2 (or test configuration 1 and the test configuration 3) are sufficient to detect and
distinguish between a normal load condition, a short circuit to VDH/GND, and an open load.
L99MH98
Protections and diagnostics
DS14611 - Rev 3
page 41/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com