Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 69Page - STMicroelectronics L99MH98 Datasheet HTML 70Page - STMicroelectronics L99MH98 Datasheet HTML 71Page - STMicroelectronics L99MH98 Datasheet HTML 72Page - STMicroelectronics L99MH98 Datasheet HTML 73Page - STMicroelectronics L99MH98 Datasheet HTML 74Page - STMicroelectronics L99MH98 Datasheet HTML 75Page - STMicroelectronics L99MH98 Datasheet HTML 76Page - STMicroelectronics L99MH98 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 147 page
background image
Bit
Name
Description
0
Status of the LSx comparator during diag off, with a symmetric filter of 200 μs
0 = LOW
1 = HIGH
VDS_LS1_DIAG
Table 83. DIAGCR1 (0x0D) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
1 (RW)
1 (RW)
1 (RW)
1 (RW)
1 (RW)
1 (RW)
1 (RW)
DGWDG
DGSPIERR
DGVDHOV
DGVDHUV
DGTW
DGTSD
DGCPLOW
Diagnostic
WDG_ERR
enable bit
Diagnostic
SPI_ERR
enable bit
Diagnostic
VDHOV enable
bit
Diagnostic
VDHUV enable
bit
Diagnostic TW
enable bit
Diagnostic TSD
enable bit
Diagnostic
CPLOW enable
bit
Table 84. DIAGCR1 (0x0D) MSB description
Bit
Name
Description
14
DGWDG
Diagnostic WDG ERROR enable control bit
Setting this bit enables WDG_ERR status flag to be mapped on diagnostic output pin (DIAGN)
0 = WDG_ERR no mapped on DIAGN pin
1 = WDG_ERR mapped on DIAGN pin
13
DGSPIERR
Diagnostic SPI ERROR enable control bit
Setting this bit enables SPI_ERR status flag to be mapped on diagnostic output pin (DIAGN)
0 = SPI_ERR no mapped on DIAGN pin
1 = SPI_ERR mapped on DIAGN pin
12
DGVDHOV
Diagnostic VDHOV enable control bit
Setting this bit enables VDHOV status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDHOV no mapped on DIAGN pin
1 = VDHOV mapped on DIAGN pin
11
DGVDHUV
Diagnostic VDHUV enable control bit
Setting this bit enables VDHUV status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDHUV no mapped on DIAGN pin
1 = VDHUV mapped on DIAGN pin
10
DGTW
Diagnostic TW enable control bit
Setting this bit enables TW status flag to be mapped on diagnostic output pin (DIAGN)
0 = TW no mapped on DIAGN pin
1 = TW mapped on DIAGN pin
9
DGTSD
Diagnostic TSD enable control bit
Setting this bit enables TSD status flag to be mapped on diagnostic output pin (DIAGN)
0 = TSD no mapped on DIAGN pin
1 = TSD mapped on DIAGN pin
8
DGCPLOW
Diagnostic CPLOW enable control bit
Setting this bit enables CPLOW status flag to be mapped on diagnostic output pin (DIAGN)
0 = CPLOW no mapped on DIAGN pin
1 = CPLOW mapped on DIAGN pin
L99MH98
SPI Registers
DS14611 - Rev 3
page 73/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com