Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 77 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 73Page - STMicroelectronics L99MH98 Datasheet HTML 74Page - STMicroelectronics L99MH98 Datasheet HTML 75Page - STMicroelectronics L99MH98 Datasheet HTML 76Page - STMicroelectronics L99MH98 Datasheet HTML 77Page - STMicroelectronics L99MH98 Datasheet HTML 78Page - STMicroelectronics L99MH98 Datasheet HTML 79Page - STMicroelectronics L99MH98 Datasheet HTML 80Page - STMicroelectronics L99MH98 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 147 page
background image
Table 94. WDGTRDIS (0x0F) LSB description
Bit
Name
Description
7
WDGTRDIS [7]
Watchdog trigger = the device must receive alternatively 5555h and 2AAAh. The first word must be
5555h
Watchdog disable= the device must receive in the right order 2F6Bh (first key word) and 1097h (second
key word)
Watchdog enable = the device must receive in the right order 5C99h (first key word) and 4360h (second
key word)
6
WDGTRDIS [6]
5
WDGTRDIS [5]
4
WDGTRDIS [4]
3
WDGTRDIS [3]
2
WDGTRDIS [2]
1
WDGTRDIS [1]
0
WDGTRDIS [0]
Table 95. WDGTRDIS (0x0F) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
RES
RES
RES
RES
RES
RES
RES
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 96. WDGTRDIS (0x0F) MSB description
Bit
Name
Description
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
RES
Reserved
10
RES
Reserved
9
RES
Reserved
8
RES
Reserved
Table 97. WDGTRDIS (0x0F) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
RES
RES
RES
RES
WDGSTATUS
WDGINF [2]
WDGINF [1]
WDGINF [0]
Reserved
Reserved
Reserved
Reserved
Watchdog status
Watchdog inf [2]
Watchdog inf [1]
Watchdog inf [0]
Table 98. WDGTRDIS (0x0F) LSB description
Bit
Name
Description
7
RES
Reserved
6
RES
Reserved
5
RES
Reserved
4
RES
Reserved
3
WDGSTATUS
Watchdog status
This bit is enabled if the watchdog has been successfully disabled
2
WDGINF [2]
Watchdog info
L99MH98
SPI Registers
DS14611 - Rev 3
page 77/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com