Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 11Page - STMicroelectronics L99MH98 Datasheet HTML 12Page - STMicroelectronics L99MH98 Datasheet HTML 13Page - STMicroelectronics L99MH98 Datasheet HTML 14Page - STMicroelectronics L99MH98 Datasheet HTML 15Page - STMicroelectronics L99MH98 Datasheet HTML 16Page - STMicroelectronics L99MH98 Datasheet HTML 17Page - STMicroelectronics L99MH98 Datasheet HTML 18Page - STMicroelectronics L99MH98 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 147 page
background image
2.4.7
Open-load monitoring external
The voltages are referred to power ground and currents are assumed positive when the current flows into the pin.
6 V ≤ VDH ≤ 28 V; Tj = -40 °C to 150 °C, unless otherwise specified.
Table 13. Open-load monitoring threshold
Symbol
Parameter
Test condition
Min Typ Max Unit
VODLS Low-side drain-source monitor off state-threshold voltage
VDH = 13.5 V
VDS_CONFx = 1xxx
or
(HB_MODEx = 00, OUTEx = 1)
1.5
1.8
2.1
V
VODHS High-side drain-source monitor off state-threshold voltage
VDH = 13.5 V
VDS_CONFx = 1xxx
or
(HB_MODEx = 00, OUTEx = 1)
1.5
1.8
2.1
V
VSHx_OL Output voltage of selected SHx in open-load test mode
VSLx = 0 V; VDH = 13.5 V
2.1
3
3.9
V
Ishx_PU Pull-up current in DIAG OFF
VSHx = 0 V; VDH = 13.5 V
DIAGOFF_CURR_SEL = 0
0.5
0.9 1.25 mA
Ishx_PU Pull-up current in DIAG OFF
VSHx = 0 V; VDH = 13.5 V
DIAGOFF_CURR_SEL = 1
1.2
1.6
2.4
mA
Ishx_PD Pull-down current in DIAG OFF
VSHx = 3 V; VDH = 13.5 V
DIAGOFF_CURR_SEL = 0
200 300 400
µA
Ishx_PD Pull-down current in DIAG OFF
VSHx = 3 V; VDH = 13.5 V
DIAGOFF_CURR_SEL = 1
400 600 800
µA
tdiag
DIAG OFF time
130 200 270
µs
2.4.8
Drain-source monitoring threshold
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, VCP > VDH + 8.5 V, all voltages are referred to
ground and currents are assumed positive when flow into the pin (unless otherwise specified).
Table 14. Drain-Source monitoring threshold
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VSCd0
Drain-source monitoring threshold
VDS_CONFx = 0000
0.045
0.08
0.095
V
VSCd1
Drain-source monitoring threshold
VDS_CONFx = 0001
0.12
0.16
0.18
V
VSCd2
Drain-source monitoring threshold
VDS_CONFx = 0010
0.16
0.20
0.24
V
VSCd3
Drain-source monitoring threshold
VDS_CONFx = 0011
0.20
0.25
0.30
V
VSCd4
Drain-source monitoring threshold
VDS_CONFx = 0100
0.24
0.30
0.36
V
VSCd5
Drain-source monitoring threshold
VDS_CONFx = 0101
0.32
0.40
0.48
V
VSCd6
Drain-source monitoring threshold
VDS_CONFx = 0110
0.40
0.50
0.62
V
VSCd7
Drain-source monitoring threshold
VDS_CONFx = 0111
0.48
0.60
0.72
V
L99MH98
Electrical specifications
DS14611 - Rev 3
page 15/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com