Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 13Page - STMicroelectronics L99MH98 Datasheet HTML 14Page - STMicroelectronics L99MH98 Datasheet HTML 15Page - STMicroelectronics L99MH98 Datasheet HTML 16Page - STMicroelectronics L99MH98 Datasheet HTML 17Page - STMicroelectronics L99MH98 Datasheet HTML 18Page - STMicroelectronics L99MH98 Datasheet HTML 19Page - STMicroelectronics L99MH98 Datasheet HTML 20Page - STMicroelectronics L99MH98 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 147 page
background image
2.4.11
Cross current protection time
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, VCP > VDH + 8.5 V, all voltages are referred to
ground and currents are assumed positive when flow into the pin (unless otherwise specified).
Table 17. Cross current protection time
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tDT000
Cross-current protection time
Tested by scan, DTP_REF = 0(1)
350
500
650
ns
tDT001
Cross-current protection time
Tested by scan, DTP_REF = 0(1)
0.8
1
1.2
µs
tDT010
Cross-current protection time
Tested by scan, DTP_REF = 0(1)
1.6
2
2.4
µs
tDT011
Cross-current protection time
Tested by scan, DTP_REF = 0(1)
2.4
3
3.6
µs
tDT100
Cross-current protection time
Tested by scan, DTP_REF = 0(1)
3.2
4
4.8
µs
tDT101
Cross-current protection time
Tested by scan, DTP_REF = 0(1)
4
5
6
µs
tDT110
Cross-current protection time
Tested by scan, DTP_REF = 0(1)
4.8
6
7.2
µs
tDT111
Cross-current protection time
Tested by scan, DTP_REF = 0(1)
12.8
16
19.2
µs
1. When DTP_REF = 1 it is necessary to add 850 ns to the maximum value.
Note:
Not subject to production test, specified by design.
2.4.12
External temperature diode
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, VCP > VDH + 8.5 V, all voltages are referred to
ground and currents are assumed positive when flow out from the pin (unless otherwise specified).
Table 18. External temperature diode
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
IDIODE
Diode current
IDIODE_CONFx = 00
200
250
300
µA
IDIODE
Diode current
IDIODE_CONFx = 01
400
500
600
µA
IDIODE
Diode current
IDIODE_CONFx = 10
600
750
900
µA
IDIODE
Diode current
IDIODE_CONFx = 11
800
1000
1200
µA
Vdioinc
Diode voltage range
0.3
-
2
V
-
ADC nbit
-
11
-
bit
-
ADC offset error
-2
-
+2
mV
-
ADC gain error vs temp
-
-
+1.5
%
-
ADC total gain error
-2.5
-
+2.5
%
2.4.13
SPI
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, VCP > VDH + 8.5 V, all voltages are referred to
ground and currents are assumed positive when flow into the pin (unless otherwise specified).
Table 19. SPI parameters
Symbol
Parameter
Test condition
Min
Typ Max Unit
DC parameters
VIL
Low-level input voltage
0.75
-
1.65
V
VIH
High-level input voltage
0.85
-
1.75
V
L99MH98
Electrical specifications
DS14611 - Rev 3
page 17/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com