Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 12Page - STMicroelectronics L99MH98 Datasheet HTML 13Page - STMicroelectronics L99MH98 Datasheet HTML 14Page - STMicroelectronics L99MH98 Datasheet HTML 15Page - STMicroelectronics L99MH98 Datasheet HTML 16Page - STMicroelectronics L99MH98 Datasheet HTML 17Page - STMicroelectronics L99MH98 Datasheet HTML 18Page - STMicroelectronics L99MH98 Datasheet HTML 19Page - STMicroelectronics L99MH98 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 147 page
background image
2.4.9
Drain source monitoring blanking time
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, VCP > VDH + 8.5 V, all voltages are referred to
ground and currents are assumed positive when flow into the pin (unless otherwise specified).
Table 15. Drain source monitoring external H-bridge
Symbol
Parameter
Test condition
Min
Typ
Max Unit
tB0000
DS monitoring blank time
VDS_BLANKx = 0000
0.5 0.625 0.85
µs
tB0001
DS monitoring blank time
VDS_BLANKx = 0001
0.8
1
1.2
µs
tB0010
DS monitoring blank time
VDS_BLANKx = 0010
1
1.25
1.5
µs
tB0011
DS monitoring blank time
VDS_BLANKx = 0011
1.2
1.5
1.8
µs
tB0100
DS monitoring blank time
VDS_BLANKx = 0100
1.6
2
2.4
µs
tB0101
DS monitoring blank time
VDS_BLANKx = 0101
2.4
3
3.6
µs
tB0110
DS monitoring blank time
VDS_BLANKx = 0110
3.2
4
4.8
µs
tB0111
DS monitoring blank time
VDS_BLANKx = 0111
4
5
6
µs
tB1000
DS monitoring blank time
VDS_BLANKx = 1000
4.8
6
7.2
µs
tB1001
DS monitoring blank time
VDS_BLANKx = 1001
5.6
7
8.4
µs
tB1010
DS monitoring blank time
VDS_BLANKx = 1010
6.4
8
9.6
µs
tSCS
Drain-source comparator propagation
delay
VDH = 14 V VDS jump from 10 mV to 1 V, time
from filter time end to VGS external FET under
threshold without external MOSFETs(1)
-
1
µs
1. Not subject to production test, specified by design.
Note:
For the VDS_BLANKx = 1x11 the default value (VDS_BLANKx = 0000) will be set.
2.4.10
Drain source monitoring filter time
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, VCP > VDH + 8.5 V, all voltages are referred to
ground and currents are assumed positive when flow into the pin (unless otherwise specified).
Table 16. Drain source monitoring filter time
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tFT000
DS monitoring filter time(1)
VDS_FILTx = 000
0.4
0.5
0.85
µs
tFT001
DS monitoring filter time(1)
VDS_FILTx = 001
0.8
1
1.4
µs
tFT010
DS monitoring filter time(1)
VDS_FILTx = 010
1.6
2
2.4
µs
tFT011
DS monitoring filter time(1)
VDS_FILTx = 011
2.4
3
3.6
µs
tFT100
DS monitoring filter time(1)
VDS_FILTx = 100
3.2
4
4.8
µs
tFT101
DS monitoring filter time(1)
VDS_FILTx = 101
4
5
6
µs
tFT110
DS monitoring filter time(1)
VDS_FILTx = 110
4.8
6
7.2
µs
1. Not subject to production test, specified by design.
Note:
If the VDS_FILTx = 111 the default value (VDS_FILTx = 000) will be set.
L99MH98
Electrical specifications
DS14611 - Rev 3
page 16/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com