Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 76 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 72Page - STMicroelectronics L99MH98 Datasheet HTML 73Page - STMicroelectronics L99MH98 Datasheet HTML 74Page - STMicroelectronics L99MH98 Datasheet HTML 75Page - STMicroelectronics L99MH98 Datasheet HTML 76Page - STMicroelectronics L99MH98 Datasheet HTML 77Page - STMicroelectronics L99MH98 Datasheet HTML 78Page - STMicroelectronics L99MH98 Datasheet HTML 79Page - STMicroelectronics L99MH98 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 147 page
background image
Table 90. DIAGCR2 (0x0E) LSB description
Bit
Name
Description
7
DGVDSLS1
Diagnostic VDS_LS1 enable control bit
Setting this bit enables VDS_LS1 status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDS_LS1 no mapped on DIAGN pin
1 = VDS_LS1 mapped on DIAGN pin
6
RES
Reserved
5
RES
Reserved
4
RES
Reserved
3
RES
Reserved
2
RES
Reserved
1
RES
Reserved
0
RES
Reserved
Table 91. WDGTRDIS (0x0F) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (WO)
0 (WO)
0 (WO)
0 (WO)
0 (WO)
0 (WO)
0 (WO)
WDGTRDIS
[14]
WDGTRDIS
[13]
WDGTRDIS
[12]
WDGTRDIS [11]
WDGTRDIS
[10]
WDGTRDIS [9]
WDGTRDIS [8]
Watchdog
trigger [14]
Watchdog
trigger [13]
Watchdog
trigger [12]
Watchdog
trigger [11]
Watchdog
trigger [10]
Watchdog
trigger [9]
Watchdog
trigger [8]
Table 92. WDGTRDIS (0x0F) MSB description
Bit
Name
Description
14
WDGTRDIS
[14]
Watchdog trigger = the device must receive alternatively 5555h and 2AAAh. The first word must be
5555h
Watchdog disable= the device must receive in the right order 2F6Bh (first key word) and 1097h (second
key word)
Watchdog enable = the device must receive in the right order 5C99h (first key word) and 4360h (second
key word)
13
WDGTRDIS
[13]
12
WDGTRDIS
[12]
11
WDGTRDIS
[11]
10
WDGTRDIS
[10]
9
WDGTRDIS [9]
8
WDGTRDIS [8]
Table 93. WDGTRDIS (0x0F) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (WO)
0 (WO)
0 (WO)
0 (WO)
0 (WO)
0 (WO)
0 (WO)
0 (WO)
WDGTRDIS
[7]
WDGTRDIS
[6]
WDGTRDIS
[5]
WDGTRDIS
[4]
WDGTRDIS
[3]
WDGTRDIS
[2]
WDGTRDIS
[1]
WDGTRDIS
[0]
Watchdog
trigger [7]
Watchdog
trigger [6]
Watchdog
trigger [5]
Watchdog
trigger [4]
Watchdog
trigger [3]
Watchdog
trigger [2]
Watchdog
trigger [1]
Watchdog
trigger [0]
L99MH98
SPI Registers
DS14611 - Rev 3
page 76/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com