Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 10Page - STMicroelectronics L99MH98 Datasheet HTML 11Page - STMicroelectronics L99MH98 Datasheet HTML 12Page - STMicroelectronics L99MH98 Datasheet HTML 13Page - STMicroelectronics L99MH98 Datasheet HTML 14Page - STMicroelectronics L99MH98 Datasheet HTML 15Page - STMicroelectronics L99MH98 Datasheet HTML 16Page - STMicroelectronics L99MH98 Datasheet HTML 17Page - STMicroelectronics L99MH98 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 147 page
background image
Figure 3. H-driver delay times
VGS(HL)x
t
VCSN,PWMH, DIR
t
t
20%
80%
50%
VCSN,PWMH, DIR
50%
TG(HL)xLH
TG(HL)xHL
2.4.6
Watchdog
Table 12. Watchdog
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tLOW
Long open window
Guaranteed by scan
52
-
87
ms
tCW
Closed window
Guaranteed by scan
11
-
20
ms
tWDP
Watchdog period
Guaranteed by scan
32
-
54
ms
ttimeout
Timeout period
Guaranteed by scan
90
-
110
ms
Figure 4. Watchdog early, late and safe window
0
time
early watchdog
failure
tWDP_max
tWDP_min
tCW_max
tCW_min
undefinied
safe trigger area
undefinied
missing watchdog
failure
L99MH98
Electrical specifications
DS14611 - Rev 3
page 14/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com