Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 25Page - STMicroelectronics L99MH98 Datasheet HTML 26Page - STMicroelectronics L99MH98 Datasheet HTML 27Page - STMicroelectronics L99MH98 Datasheet HTML 28Page - STMicroelectronics L99MH98 Datasheet HTML 29Page - STMicroelectronics L99MH98 Datasheet HTML 30Page - STMicroelectronics L99MH98 Datasheet HTML 31Page - STMicroelectronics L99MH98 Datasheet HTML 32Page - STMicroelectronics L99MH98 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 147 page
background image
4
Gates driver
4.1
Outputs driving signals
To work with each half-bridge the following registers need:
1. HB_MODEx (half-bridge mode): this register is used to control the functionality of the single half-bridge. x
indicates the number of the half-bridge to work on, x = 1 to 8. It is a 2-bit register (see the Table 23 and
Table 24).
2. EN_PWMy (enable PWM): this 1-bit register is used to enable/disable the PWM signal, y indicates the PWM
pins that must be enabled/disabled, y = 1...3 (see the Table 24).
3. HB_PWMx (Half bridge PWM): This 3-bit register is used to indicate which PWM signal is applied to the HS or
LS of the x-th half-bridge, x = 1...8 (see the Table 24).
When a MOSFET of a half-bridge must be powered OFF or ON in the static mode the HB_MODEx register must
be used. As an example, if the HS of the half-bridge 5 and the LS of the half-bridge 6 must be powered ON the
following registers must be written:
•
HB_MODE5 = 10
•
HB_MODE6 = 01
A maximum of three PWM signals can be applied to the L99MH98. Each PWM signal can be provided to each HS
or LS of each half-bridge, using the correct programming of the registers HB_MODEx, EN_PWMy and HB_PWMx
(see the Table 24).
As an example, an H-bridge is composed of half-bridge 4 and half-bridge 6, HS of 4 is always ON while PWM 2 is
applied to the LS of half-bridge 6. In this case we have:
•
HB_MODE4 = 10 → HS of the half-bridge 4 is ON in states mode
•
EN_PWM2 = 1 → PWM2 signal is activated
•
HB_PWM6 = 001 → PWM2 signal is mapped on the LS of the half-bridge 6
•
HB_MODE6 = 11 → enable the HB6 to work in PWM mode
Configuration of the PWM map is shown in the table below:
Table 23. PWM signal application to the half-bridges
HB_PWMx
HB_MODEx
Setting
X
00
LS and HS of the half-bridge x are kept OFF (default).
X
01
LS of the half-bridge x is ON (static, no PWM), HS of the half-bridge x is OFF
X
10
HS of the half-bridge x is ON (static, no PWM), LS of the half-bridge x is OFF
000
11
Low-side of half-bridge x mapped on PWM1. EN_PWM1 must be set to 1
001
11
Low-side of half-bridge x mapped on PWM2. EN_PWM2 must be set to 1
010
11
Low-side of half-bridge x mapped on PWM3. EN_PWM3 must be set to 1
011
11
High-side of half-bridge x mapped on PWM1. EN_PWM1 must be set to 1
100
11
High-side of half-bridge x mapped on PWM2. EN_PWM2 must be set to 1
101
11
High-side of half-bridge x mapped on PWM3. EN_PWM3 must be set to 1
110
XX
No mapping, if used the LS and HS of the half-bridge x are kept OFF
111
XX
No mapping, if used the LS and HS of the half-bridge x are kept OFF
The PWMx input pins have an internal pull-down current in order to put the outputs in a well-known condition in
case any of the pins will no longer be driven by the microcontroller.
Four different free-wheeling strategies are available in the L99MH98: active or passive freewheeling on either
high-side or low-side MOSFETs. To choose the correct free-wheeling method the HB_WHEELx, x = 1...8, must be
programmed according to the Table 24.
L99MH98
Gates driver
DS14611 - Rev 3
page 29/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com