Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 51Page - STMicroelectronics L99MH98 Datasheet HTML 52Page - STMicroelectronics L99MH98 Datasheet HTML 53Page - STMicroelectronics L99MH98 Datasheet HTML 54Page - STMicroelectronics L99MH98 Datasheet HTML 55Page - STMicroelectronics L99MH98 Datasheet HTML 56Page - STMicroelectronics L99MH98 Datasheet HTML 57Page - STMicroelectronics L99MH98 Datasheet HTML 58Page - STMicroelectronics L99MH98 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 147 page
background image
6.4.6
First SPI access at power-up scenario
•
Frame 1
–
SDI:
◦
Bit 23 = 0 or 1 (read or write command on the OpCode)
◦
Bit 22 = Not used
◦
Bits 21 to 16 = Address of the register to read or write
◦
Bits 15 to 1 = Data to write (if write command was chosen) or all ‘0’ (if read command was
chosen)
◦
Bit 0 = Parity bit
–
SDO:
◦
Bit 23 = 1 (SPI error or RESET event in the previous access)
◦
Bit 22 = GSBN bit (1 = No fault)
◦
Bits 21 to 16 = Address of the STATUS register
◦
Bits 15 to 1 = Data value of the STATUS register
◦
Bit 0 = Parity bit
Figure 38. First SPI access at power-up scenario
At power-up the status register
value is with bit15 set to ‘1’
After the end of first valid SPI
access the bit 15 of status
register is set to ‘0’
Data on SDO during first access after power-up will be
always the value of STATUS register
SPI Error or RESET
In this case 1 means: reset before this access
6.4.7
Access while an internal fault happens scenario
•
Frame n
–
SDI:
◦
Bit 23 = 0 or 1 (read or write command on the OpCode)
◦
Bit 22 = Not used
◦
Bits 21 to 16 = Address of the register to read or write
◦
Bits 15 to 1 = Data to write (if write command was chosen) or all ‘0’ (if read command was
chosen)
◦
Bit 0 = Parity bit
–
SDO:
◦
Bit 23 = 0 (no SPI error or RESET in the previous access)
◦
Bit 22 = GSBN bit (1 = No fault)
◦
Bits 21 to 16 = Address of the register selected in the previous frame (n-1)
◦
Bits 15 to 1 = Data value of the register selected in the previous frame (n-1)
◦
Bit 0 = Parity bit
L99MH98
Serial peripheral interface (SPI)
DS14611 - Rev 3
page 55/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com