Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 78 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 74Page - STMicroelectronics L99MH98 Datasheet HTML 75Page - STMicroelectronics L99MH98 Datasheet HTML 76Page - STMicroelectronics L99MH98 Datasheet HTML 77Page - STMicroelectronics L99MH98 Datasheet HTML 78Page - STMicroelectronics L99MH98 Datasheet HTML 79Page - STMicroelectronics L99MH98 Datasheet HTML 80Page - STMicroelectronics L99MH98 Datasheet HTML 81Page - STMicroelectronics L99MH98 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 147 page
background image
Bit
Name
Description
1
These bits represent the three least significant bits of the latest write command performed on the same
register
WDGINF [1]
0
WDGINF [0]
Table 99. HB1_MODE_CONFIG (0x10) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
RES
RES
DT1 [2]
DT1 [1]
DT1 [0]
STRONG_ON _WHEEL1
HB_IDIAG1 [1]
Reserved Reserved Dead Time 1 [2] Dead Time 1 [1] Dead Time 1 [0]
Free-wheeling strong on
HB1
HB1 diagnostic
current
Table 100. HB1_MODE_CONFIG (0x10) MSB description
Bit
Name
Description
14
RES
Reserved bit
13
RES
Reserved bit
12
DT1 [2]
Dead time of the HB1
000 = 0.5 μs
001 = 1 μs
010 = 2 μs
011 = 3 μs
100 = 4 μs
101 = 5 μs
110 = 6 μs
111 = 16 μs
11
DT1 [1]
10
DT1 [0]
9
STRONG_ON_
WHEEL1
Free-wheeling strong ON of the HB1
0 = Strong on disabled, free-wheeling gate current set to 4 mA
1 = Strong on enabled, free-wheeling gate current set to 30 mA
8
HB_IDIAG1 [1]
Half bridge 1 diagnostic currents setting
00 = Pull-up and pull-down currents off
01 = Pull-up current off and pull-down current on
10 = Pull-up current on and pull-down current off
11 = Pull-up and pull-down currents off
Table 101. HB1_MODE_CONFIG (0x10) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
HB_IDIAG1
[1]
HB_PWM1
[2]
HB_PWM1
[1]
HB_PWM1
[0]
HB_MODE1
[1]
HB_MODE1
[0]
HB_WHEEL1
[1]
HB_WHEEL1
[0]
HB1
diagnostic
current
HB1 PWM
mapping [2]
HB1 PWM
mapping [1]
HB1 PWM
mapping [0]
HB1 mode [1] HB1 mode [0]
HB1 free-
wheeling [1]
HB1 free-
wheeling [0]
L99MH98
SPI Registers
DS14611 - Rev 3
page 78/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com