Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 65 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 61Page - STMicroelectronics L99MH98 Datasheet HTML 62Page - STMicroelectronics L99MH98 Datasheet HTML 63Page - STMicroelectronics L99MH98 Datasheet HTML 64Page - STMicroelectronics L99MH98 Datasheet HTML 65Page - STMicroelectronics L99MH98 Datasheet HTML 66Page - STMicroelectronics L99MH98 Datasheet HTML 67Page - STMicroelectronics L99MH98 Datasheet HTML 68Page - STMicroelectronics L99MH98 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 147 page
background image
Bit
Name
Description
0 = VDH over-voltage threshold 1 (VDHOVT1) selected
1 = VDH over-voltage threshold 2 (VDHOVT2) selected
5
OUTE
Outputs enable
0 = all the gate drivers are OFF independently from OUTEx bits setting
1 = the gate drivers can be put OFF or ON according to the OUTEx bits setting
4
CP_LOW_CONFIG
CP low configuration
0 = the gate drivers come out of forced disabled mode only once the charge pump low voltage flag
CPLOW is cleared via SPI
1 = CPLOW status flag becomes a status bit (set and reset automatically) and the gate drivers come
out of forced disabled mode automatically upon recovery from the charge pump low voltage
condition
3
CPFDD
Charge pump frequency dithering
0 = charge pump dithering doesn’t enable
1 = charge pump dithering enabled
2
EN_PWM1
PWM1 enable
0 = PWM1 disabled
1 = PWM1 enabled
1
EN_PWM2
PWM2 enable
0 = PWM2 disabled
1 = PWM2 enabled
0
EN_PWM3
PWM3 enable
0 = PWM3 disabled
1 = PWM3 enabled
Table 51. CSO_CFG (0x05) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RO)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
RES
RES
RES
CSO_GAIN_SEL2
CSO_GAIN_SEL1
CSOSIG2
CSOSIG1
Reserved Reserved Reserved
CSO2 gain selection
CSO1 gain selection
CSO2 Vds mapping
CSO1 Vds mapping
Table 52. CSO_CFG (0x05) MSB description
Bit
Name
Description
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
CSO_GAIN_SEL2
CSO2 gain selection
0 = gain sets to 1.5
1 = gain sets to 3
10
CSO_GAIN_SEL1
CSO1 gain selection
0 = gain sets to 1.5
1 = gain sets to 3
9
CSOSIG2
CSO2 Vds mapping
0 = Vds of the HSx mapped on CSO2 (to use in combination with CSOSHx)
L99MH98
SPI Registers
DS14611 - Rev 3
page 65/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com