Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 28Page - STMicroelectronics L99MH98 Datasheet HTML 29Page - STMicroelectronics L99MH98 Datasheet HTML 30Page - STMicroelectronics L99MH98 Datasheet HTML 31Page - STMicroelectronics L99MH98 Datasheet HTML 32Page - STMicroelectronics L99MH98 Datasheet HTML 33Page - STMicroelectronics L99MH98 Datasheet HTML 34Page - STMicroelectronics L99MH98 Datasheet HTML 35Page - STMicroelectronics L99MH98 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 147 page
background image
CSOSIGx
CSOSHx
Setting
1
111
Vds of the LS8 mapped on the CSOx
Figure 16. Vds measurement by CSO1/2
VDH
L99MH98
M
SH1
SH2
M
SH3
GND
M
SH8
GND
-
+
VDS_LS1
+
-
VDS_HS1
VDS_LS2
VDS_HS2
-
+
+
-
GND
VDH
VDH
CSO1
CSO2
VDS_LS8
VDS_HS8
-
+
+
-
VDH
GND
SH2
SH8
MUX
GND
DIODE1
GND
DIODE2
GND
DIODE4
DIODE1
DIODE2
DIODE3
DIODE4
VDH
IDIODE1
VDH
IDIODE2
VDH
IDIODE4
VDH
IDIODE3
ADC
SPI
4.2.3
Temperature measurement for calibration and monitoring
To further improve indirect current measurement, a temperature control (via 4 external diodes/diode chain) is
implemented inside the L99MH98. Each diode/chain will be placed as close as possible to each H-bridge or to a
relevant temperature hot-spot. The forward voltage, Vf, of the diode varies with temperature, therefore the diode’s
temperature coefficient is needed to get an accurate representation of the junction temperature. The control
structure of the diodes is constituted by a current generator that injects a small current (programmable from 250
μA to 1 mA) in the anode of the diode while the cathode will be connected to the ground pin of the L99MH98.
The voltage across the diode will then be measured by an internal ADC which will make the value available to the
microcontroller: 4 dedicated registers, DIODEx_READ, x = 1...4, will report the read values to the microcontroller
by SPI communication. The interval time between one temperature measurement and another is of 1 ms typ. If
one or more diodes are not connected the information related to the connected diodes will always be available
after 1 ms.
Reading the Vf(x°C) at an unknown temperature, knowing the Vf (25 °C) at 25 °C and knowing the temperature
coefficient of the Vf, the microcontroller calculates the working temperature by applying the following formula:
TC =T25C∘ + VfxC∘ −Vf25C∘ /TenperatureCoefficient
(1)
Vf (25 °C) varies slightly from device to device: to overcome this behavior, a calibration data during the
manufacturing process can be applied: in this case the Vf (25 °C) can be measured in the manufacturing process
and the value can be stored in the microcontroller memory.
L99MH98
Gates driver
DS14611 - Rev 3
page 32/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com