Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 92 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 88Page - STMicroelectronics L99MH98 Datasheet HTML 89Page - STMicroelectronics L99MH98 Datasheet HTML 90Page - STMicroelectronics L99MH98 Datasheet HTML 91Page - STMicroelectronics L99MH98 Datasheet HTML 92Page - STMicroelectronics L99MH98 Datasheet HTML 93Page - STMicroelectronics L99MH98 Datasheet HTML 94Page - STMicroelectronics L99MH98 Datasheet HTML 95Page - STMicroelectronics L99MH98 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 147 page
background image
Bit
Name
Description
1
HB_WHEEL3 [1] HB3 free-wheeling mode
00 = 11 = No mapping
01 = Active free-wheeling on HS of the HB
10 = Active free-wheeling on LS of the HB
0
HB_WHEEL3 [0]
Table 135. HB3_DRIVER_CFG (0x19) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
RES
VSTEP2_CONF3
[1]
VSTEP2_CONF3
[0]
ISTEP3_CONF3
[3]
ISTEP3_CONF3
[2]
ISTEP3_CONF3
[1]
ISTEP3_CONF3
[0]
Reserved
HB3 Vstep1 and
Vstep2 conf [1]
HB3 Vstep1 and
Vstep2 conf [0]
HB3 Istep3 conf
[3]
HB3 Istep3 conf
[2]
HB3 Istep3 conf
[1]
HB3 Istep3 conf
[0]
Table 136. HB3_DRIVER_CFG (0x19) MSB description
Bit
Name
Description
14
RES
Reserved bit
13
VSTEP2_CONF3 [1]
Vstep1 and Vstep2 thresholds configuration of the HB3
These two bits set the Vstep1 and Vstep2 thresholds of the HB3
00: Vstep1 = 1.1 V, Vstep2 = 2.67 V for the switch ON
00: Vstep1 = 1.3 V, Vstep2 = 3.33 V for the switch OFF
01: Vstep1 = 1.1 V, Vstep2 = 3.56 V for the switch ON
01: Vstep1 = 1.3 V, Vstep2 = 4.44 V for the switch OFF
10: Vstep1 = 2.2 V, Vstep2 = 4.45 V for the switch ON
10: Vstep1 = 2.6 V, Vstep2 = 5.55 V for the switch OFF
11: Vstep1 = 2.2 V, Vstep2 = 5.34 V for the switch ON
11: Vstep1 = 2.6 V, Vstep2 = 6.66 V for the switch OFF
12
VSTEP2_CONF3 [0]
11
ISTEP3_CONF3 [3]
Istep3 configuration of the HB3
0000 = 2 mA
0001 = 4 mA
0010 = 8 mA
0011 = 12 mA
0100 = 20 mA
0101 = 28 mA
0110 = 36 mA
0111 = 44 mA
1000 = 52 mA
1001 = 60 mA
1010 = 68 mA
1011 = 76 mA
1100 = 84 mA
1101 = 92 mA
1110 = 104 mA
1111 = 120 mA
10
ISTEP3_CONF3 [2]
9
ISTEP3_CONF3 [1]
8
ISTEP3_CONF3 [0]
L99MH98
SPI Registers
DS14611 - Rev 3
page 92/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com