Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 59Page - STMicroelectronics L99MH98 Datasheet HTML 60Page - STMicroelectronics L99MH98 Datasheet HTML 61Page - STMicroelectronics L99MH98 Datasheet HTML 62Page - STMicroelectronics L99MH98 Datasheet HTML 63Page - STMicroelectronics L99MH98 Datasheet HTML 64Page - STMicroelectronics L99MH98 Datasheet HTML 65Page - STMicroelectronics L99MH98 Datasheet HTML 66Page - STMicroelectronics L99MH98 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 147 page
background image
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VDS
monitoring
HS8
VDS
monitoring
HS7
VDS
monitoring
HS6
VDS
monitoring
HS5
VDS
monitoring
HS4
VDS
monitoring
HS3
VDS
monitoring
HS2
CP LOW
flag
Table 46. DSR2 (0x03) LSB description
Bit
Name
Description
7
VDSLS7
VDS monitoring flags
Flag VDSLSx (x = 1...8) is set and latched as soon as the VDS of the corresponding LS MOSFET exceeds the
relative threshold (set by VDS_CONFx, x = 1...8) for a time longer than the corresponding filtering time or
blanking filtering time, where the blanking time is applicable. It can be cleared by SPI only if the source of the
fault is no longer present
6
VDSLS6
5
VDSLS5
4
VDSLS4
3
VDSLS3
2
VDSLS2
1
VDSLS1
0
CPLOW
CP low flag
If the CP_LOW_CONFIG control bit is set to one, the CPLOW status flag becomes a status bit (set and reset
automatically) and the gate drivers come out of forced disabled mode automatically upon recovery from the
charge pump low voltage condition. In this case the status bit will be automatically cleared as soon as the
charge pump output voltage is no longer below the low voltage threshold for a time longer than tCP
If the CP_LOW_CONFIG control bit is set to zero, the gate drivers come out of forced disabled mode only once
the charge pump low-voltage flag CPLOW is cleared via SPI. The charge pump low voltage flag CPLOW can
be cleared by a SPI “read and clear” command only if the charge pump low-voltage condition is no longer
present, namely if VCP > VCP_LOW for a time longer than tCP
L99MH98
SPI Registers
DS14611 - Rev 3
page 63/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com