Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 64 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 60Page - STMicroelectronics L99MH98 Datasheet HTML 61Page - STMicroelectronics L99MH98 Datasheet HTML 62Page - STMicroelectronics L99MH98 Datasheet HTML 63Page - STMicroelectronics L99MH98 Datasheet HTML 64Page - STMicroelectronics L99MH98 Datasheet HTML 65Page - STMicroelectronics L99MH98 Datasheet HTML 66Page - STMicroelectronics L99MH98 Datasheet HTML 67Page - STMicroelectronics L99MH98 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 147 page
background image
7.3
Control Registers
Table 47. GLOBAL_CFG (0x04) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
RES
RES
RES
OSC_SS_DIS
DIAGN_ACTIVE_
LEVEL
DIAGOFF_CURR_
SEL
VDS_OFFSET_
ENABLE
Reserved Reserved Reserved
Spread spectrum
enable
DIAGN pin active level
DIAGOFF current
selection
VDS offset enable
Table 48. GLOBAL_CFG (0x04) MSB description
Bit
Name
Description
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
OSC_SS_DIS
Spread spectrum enable
0 = Spread spectrum enabled
1 = Spread spectrum disabled
10
DIAGN_ACTIVE_
LEVEL
DIAGN pin active level
0 = DIAGN PIN ACTIVE LOW
1 = DIAGN PIN ACTIVE HIGH
9
DIAGOFF_CURR_
SEL
DIAGOFF current selection
0 = 1 mA
1 = 2 mA
8
VDS_OFFSET_
ENABLE
Offset of 6 mV on the Vds measurements. To be inserted in case of short circuit to be measured
0 = No offset inserted
1 = Offset inserted
Table 49. GLOBAL_CFG (0x04) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
1 (RW)
0 (RW)
0 (RW)
0 (RW)
DTP_REF
OVTS
OUTE
CP_LOW_CONFIG
CPFDD
EN_PWM1
EN_PWM2
EN_PWM3
Cross current
protection
time
reference
VDH over
voltage
protection
threshold
Outputs
enable
CP low configuration
CP
frequency
enable
dithering
PWM1
enable
PWM2
enable
PWM3
enable
Table 50. GLOBAL_CFG (0x04) LSB description
Bit
Name
Description
7
DTP_REF
Cross current protection time reference
0 = the cross current protection time is calculated starting from the command to switch off a
MOSFET and switch on the complementary
1 = the cross current protection time is calculated starting from the instant in which the Vgs of the
MOSFET being switched off has reached the value set in the VSTEP1x
6
OVTS
VDH over voltage protection threshold
L99MH98
SPI Registers
DS14611 - Rev 3
page 64/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com