Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 3Page - STMicroelectronics L99MH98 Datasheet HTML 4Page - STMicroelectronics L99MH98 Datasheet HTML 5Page - STMicroelectronics L99MH98 Datasheet HTML 6Page - STMicroelectronics L99MH98 Datasheet HTML 7Page - STMicroelectronics L99MH98 Datasheet HTML 8Page - STMicroelectronics L99MH98 Datasheet HTML 9Page - STMicroelectronics L99MH98 Datasheet HTML 10Page - STMicroelectronics L99MH98 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 147 page
background image
2.2
ESD protection
Table 3. ESD protection
Symbol
Parameter
Test
condition
Min Typ Max Unit
Electrostatic discharge test (AEC-Q100-002-E) all pins (HBM)
-
-2
-
+2
kV
Electrostatic discharge test (AEC-Q100-002-E) output pins SHx (X =
1...8) and VDH versus GND (HBM)
-
-4
-
+4
kV
Charge device model (CDM-AEC-Q100-011) all pins
-
-500
-
+500
V
Charged device model (CDM-AEC-Q100-011) corner pins
-
-750
-
+750
V
2.3
Thermal data
Table 4. Operation junction temperature
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Tj
Operating junction temperature
-40
-
150
°C
Tstg
Storage temperature
-55
-
150
°C
All parameters are guaranteed in the temperature range -40 to 150 °C (unless otherwise specified); the device is
still operative and functional at higher temperatures (up to 165 °C).
Note:
•
Parameters limits at higher temperatures than 150 °C may change with respect to what is specified as per
the standard temperature range.
•
Device functionality at high temperature is guaranteed by characterization.
Table 5. Temperature warning and thermal shutdown
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
TjTW_ON
Junction temperature thermal warning threshold
Tj increasing
140
150
160
°C
TjSD_ON
Junction temperature thermal shutdown threshold
Tj increasing
170
180
190
°C
TjSD_OFF
Junction temperature thermal shutdown threshold
Tj decreasing
160
170
180
°C
tfTjTW/TSD
Temperature warning/shutdown filtering time
Tested by scan
24
-
43
µs
Note:
Those parameters are guaranteed at hot only.
2.3.1
VFQFPN-48 Thermal data
Table 6. Packages thermal resistance
Symbol
Parameter
Test condition
Value
Unit
Rthj-amb(1)(2)
Thermal resistance junction to ambient (max.)
26
°C/W
Rthj-case(3)
Thermal resistance junction to case (max.)
4.5
°C/W
1. The parameter is retrieved according to JEDEC 51.2 referring to thermal testing method in still air.
2. PCB designed according to JEDEC 51.7 referring to high effective thermal conductivity test board.
•
The values quoted are for PCB 129 mm x 60 mm x 1.6 mm ±10%, FR4, 4 layer.
•
Cu thickness on outer layer 0.070 mm, Cu thickness on inner layer 0.035 mm, Thermal vias separation 1.2 mm,
Thermal via diameter 0.3 mm ±0.08 mm, Cu thickness on vias 0.025 mm.
•
VFQFPN-48 footprint dimensions are 5.4 mm x 5.4 mm.
L99MH98
Electrical specifications
DS14611 - Rev 3
page 7/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com