Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 56Page - STMicroelectronics L99MH98 Datasheet HTML 57Page - STMicroelectronics L99MH98 Datasheet HTML 58Page - STMicroelectronics L99MH98 Datasheet HTML 59Page - STMicroelectronics L99MH98 Datasheet HTML 60Page - STMicroelectronics L99MH98 Datasheet HTML 61Page - STMicroelectronics L99MH98 Datasheet HTML 62Page - STMicroelectronics L99MH98 Datasheet HTML 63Page - STMicroelectronics L99MH98 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 147 page
background image
7.2
Status registers
Table 35. DSR0 (0x01) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (CR)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
RSTB
SPI_ERROR
WDG_ERROR
REVISION_ID [7]
REVISION_ID [6]
REVISION_ID [5]
REVISION_ID [4]
Reset bit
flag
SPI fault flag
Watchdog fault
flag
Revision ID flag
[7]
Revision ID flag
[6]
Revision ID flag
[5]
Revision ID flag
[4]
Table 36. DSR0 (0x01) MSB description
Bit
Name
Description
14
RSTB
RESET bit flag
1 = Device coming out from the POR. This indicates that all the device registers have been reset.
0 = Device is not coming out from POR
Automatically cleared at first valid SPI communication frame has been received after the reset
13
SPI_ERROR
SPI fault flag
0 = No SPI failure detected
1 = SPI failure detected
Automatically cleared at first valid SPI communication frame
12
WDG_ERROR
Watchdog fault flag
0 = No WDG failure detected
1 = WDG failure detected
11
REVISION_ID [7]
Revision ID bit [7]
Version ID to identify the silicon version
10
REVISION_ID [6]
Revision ID bit [6]
Version ID to identify the silicon version
9
REVISION_ID [5]
Revision ID bit [5]
Version ID to identify the silicon version
8
REVISION_ID [4]
Revision ID bit [4]
Version ID to identify the silicon version
Table 37. DSR0 (0x01) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
REVISION_ID
[3]
REVISION_ID
[2]
REVISION_ID
[1]
REVISION_ID
[0]
DEVICE_ID
[3]
DEVICE_ID
[2]
DEVICE_ID
[1]
DEVICE_ID
[0]
Revision ID
flag [3]
Revision ID
flag [2]
Revision ID
flag [1]
Revision ID
flag [0]
Device ID
flag [3]
Device ID
flag [2]
Device ID
flag [1]
Device ID
flag [0]
Table 38. DSR0 (0x01) LSB description
Bit
Name
Description
7
REVISION_ID [3]
Revision ID bit [3]
Version ID to identify the silicon version
6
REVISION_ID [2]
Revision ID bit [2]
L99MH98
SPI Registers
DS14611 - Rev 3
page 60/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com