Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 6Page - STMicroelectronics L99MH98 Datasheet HTML 7Page - STMicroelectronics L99MH98 Datasheet HTML 8Page - STMicroelectronics L99MH98 Datasheet HTML 9Page - STMicroelectronics L99MH98 Datasheet HTML 10Page - STMicroelectronics L99MH98 Datasheet HTML 11Page - STMicroelectronics L99MH98 Datasheet HTML 12Page - STMicroelectronics L99MH98 Datasheet HTML 13Page - STMicroelectronics L99MH98 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 147 page
background image
2.4.4
Charge pump
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified).
Table 10. Charge pump
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
fCP
Charge Pump frequency
(1)
325
400
475
kHz
VCP
Charge pump output voltage
VDH ≥ 8 V
ICP ≥ -10 mA(2)
VDH + 8.2
VDH + 11.2
VDH + 13
V
VCP_vbmin Charge pump output voltage
VDH = 6 V
ICP = -5 mA(2)
VDH + 6.2
VDH + 7
-
V
VCP_low
Charge pump low threshold voltage
(2)
VDH + 4.5
VDH + 5
VDH + 5.5
V
ICP_lim
Charge pump output current limitation(3)
VCP= VDH = 13.5 V
-36
-
-
mA
tCP
Charge pump low filter time
Tested by scan
8
10
12
µs
tCP_blank
Charge pump startup blanking time
Tested by scan
500
-
800
µs
1. Not subject to production test, specified by design.
2. CCPC1 = CCPC2 = 100 nF, CCP = 220 nF.
3. In case of short to battery. This pin is not protected from short to ground.
2.4.5
Gate driver
The electrical characteristics related to the gate driver are valid for VCP > VDH + 8.5 V.
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, VCP > VDH + 8.5 V, all voltages with respect to
ground, positive current flowing into pin except for IGLx and IGHx (unless otherwise specified).
The gate source and sink current level can be affected in case of high SHx/GHx slew rate due to capacitive
current injected into the GATE pin from an external MOS miller capacitor. This behavior is described in a
dedicated application note.
Table 11. Gate driver
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Ionx
Gate source current, only
ISTEP1x and ISTEP2x
ISTEP1_CONFx = ISTEP2_CONFx = 0000
-50%
-0.72
+50%
mA
Ioffx
Gate sink current, only
ISTEP1x and ISTEP2x
ISTEP1_CONFx = ISTEP2_OFF_CONFx =
0000
-50%
0.88
+50%
mA
Ionx
Gate source current
ISTEP1_CONFx = ISTEP2_CONFx = 0001
ISTEP3_CONFx = 0000
-50%
-1.58
+50%
mA
Ioffx
Gate sink current
ISTEP1_CONFx = ISTEP2_OFF_CONFx =
0001
ISTEP3_CONFx = 0000
-50%
1.77
+50%
mA
Ionx
Gate source current, only
ISTEP1x and ISTEP2x
ISTEP1_CONFx = ISTEP2_CONFx = 0010
-50%
-2.6
+50%
mA
Ioffx
Gate Sink Current, only
ISTEP1x and ISTEP2x
ISTEP1_CONFX = ISTEP2_OFF_CONFx =
0010
-50%
2.6
+50%
mA
Ionx
Gate source current
ISTEP1_CONFx = ISTEP2_CONFx = 0011
ISTEP3_CONFx = 0001
-45%
-3.3
+45%
mA
Ioffx
Gate sink current
ISTEP1_CONFx = ISTEP2_OFF_CONFx =
0011
ISTEP3_CONFx = 0001
-45%
3.5
+45%
mA
L99MH98
Electrical specifications
DS14611 - Rev 3
page 10/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com