Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 26Page - STMicroelectronics L99MH98 Datasheet HTML 27Page - STMicroelectronics L99MH98 Datasheet HTML 28Page - STMicroelectronics L99MH98 Datasheet HTML 29Page - STMicroelectronics L99MH98 Datasheet HTML 30Page - STMicroelectronics L99MH98 Datasheet HTML 31Page - STMicroelectronics L99MH98 Datasheet HTML 32Page - STMicroelectronics L99MH98 Datasheet HTML 33Page - STMicroelectronics L99MH98 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 147 page
background image
Table 24. Free-wheeling mode
HB_WHEELx, x=1...8
Setting
00
Passive free-wheeling
01
Active free-wheeling on HS of the half-bridge x
10
Active free-wheeling on LS of the half-bridge x
11
Passive free-wheeling
In the active free-wheeling case, the MOSFET is actively switched off by the pre-driver. In active free-wheeling the
current is fixed. It is possible to configure two different currents according to the STRONG_ON_WHEELx, x =
1...8, bit: 4 mA if the bit is set to 0, 30 mA if the bit is set to 1.
If the microcontroller, in a not correct way, should program a PWM and an active free-wheeling in a MOSFET at
the same time, L99MH98 assigns the PWM to the selected MOSFET.
4.2
Indirect current measurement for external MOSFET
A new and innovative current sense method, different from the classical voltage drop on the shunt resistors, has
been designed and here reported. The proposed method has the great advantage of not using external resistors,
with the consequence of a lower cost of the application and no voltage drop on the sensing resistors.
The new current sense method is made up of 5 different phases:
1. CSOs settings according to the used external MOSFETs;
2. Rds(on) and temperature calibration at application level;
3. Rds(on) prediction curve stored in the external μC;
4. Live temperature measurement for MOSFET Rds(on) prediction;
5. Real time Vds measurement via CSO pin and external MOSFET current calculation (done at μC level).
Figure 15. Overview of indirect current measurement
4.2.1
Rds(on) calibration at application level
The first phase of current sensing is that of a correct measurement of the Rds(on) of each MOSFET of the 4
external H-bridges. This is because the Rds(on) of the MOSFETs have a large variability that can go up to ±25%
of the typical value. Thus, to have a precise measurement of the current, a calibration must be performed during
the manufacturing process. The Rds(on) calibration of each MOSFET must be done using the following strategy
at room temperature:
1. Power on the MOSFET under measurement;
2. A fixed current, 1 A for instance, is sent in the drain pin. The Vds is measured by L99MH98;
3. The microcontroller calculates the Rds(on) = Vds/1 A. This value is stored in the microcontroller memory. This
value represents the Rds(on) of the MOSFET at room temperature;
4. The curve of the variation of the Rds(on) as function of the temperature is stored in the microcontroller
memory.
L99MH98
Gates driver
DS14611 - Rev 3
page 30/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com