Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 146 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 139Page - STMicroelectronics L99MH98 Datasheet HTML 140Page - STMicroelectronics L99MH98 Datasheet HTML 141Page - STMicroelectronics L99MH98 Datasheet HTML 142Page - STMicroelectronics L99MH98 Datasheet HTML 143Page - STMicroelectronics L99MH98 Datasheet HTML 144Page - STMicroelectronics L99MH98 Datasheet HTML 145Page - STMicroelectronics L99MH98 Datasheet HTML 146Page - STMicroelectronics L99MH98 Datasheet HTML 147Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 146 / 147 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Pin connection (top view) ............................................................. 4
Figure 3.
H-driver delay times ............................................................... 14
Figure 4.
Watchdog early, late and safe window ................................................... 14
Figure 5.
Main operating modes .............................................................. 21
Figure 6.
Example of possible configuration to assign a key at each half-bridge ............................. 23
Figure 7.
Example of possible configuration where a key is associated to a different half-bridge .................. 23
Figure 8.
Example of fault on HB1 ............................................................ 24
Figure 9.
Example of HBs configured with the same key ............................................. 24
Figure 10.
VDH and VDD high, EN pin goes high and low .............................................. 26
Figure 11.
VDH and VDD high, EN pin goes high and low .............................................. 26
Figure 12.
VDH, VDD and EN pin goes high and low with the same slew rate ................................ 26
Figure 13.
VDD and EN goes high, VDH goes high and low............................................. 27
Figure 14.
CPLOW flag ..................................................................... 28
Figure 15.
Overview of indirect current measurement ................................................ 30
Figure 16.
Vds measurement by CSO1/2 ......................................................... 32
Figure 17.
Extract of application diagram for temperature measurement ................................... 33
Figure 18.
Power ON/OFF steps for gate drivers ................................................... 34
Figure 19.
Full-bridge drain source monitoring diagnosis .............................................. 36
Figure 20.
Simplified block diagram with one DC motor controlled by two half-bridges.......................... 37
Figure 21.
One motor in normal conditions, Ishx_PU HB1/HB2 OFF with normal load ........................... 38
Figure 22.
One motor in normal conditions with one pull-up diagnostic current on - Configuration 2................. 38
Figure 23.
One motor in normal conditions with one pull-up diagnostic current on - Configuration 3................. 39
Figure 24.
Short circuit to VDH ................................................................ 39
Figure 25.
Short circuit to GND ............................................................... 40
Figure 26.
One motor - Diagnostic results with an open load at SH1 ...................................... 41
Figure 27.
One motor - Diagnostic results with an open load at SH2 ...................................... 41
Figure 28.
Seven cascaded DC motors summary of the off-state diagnostic................................. 42
Figure 29.
Two cascaded DC motors summary of the off-state diagnostic .................................. 43
Figure 30.
Watchdog state diagram ............................................................ 45
Figure 31.
SPI connection ................................................................... 47
Figure 32.
SPI signal description .............................................................. 47
Figure 33.
Write access scenario .............................................................. 50
Figure 34.
Read access scenario .............................................................. 51
Figure 35.
Clear on Read scenario ............................................................. 52
Figure 36.
Write or read with SPI error scenario .................................................... 53
Figure 37.
Access after RESET scenario......................................................... 54
Figure 38.
First SPI access at power-up scenario ................................................... 55
Figure 39.
Access while an internal fault happens scenario ............................................ 56
Figure 40.
Driving 4 DC motors simultaneously ................................................... 130
Figure 41.
Driving 2 DC motors + 2 additional independent loads simultaneously ............................ 131
Figure 42.
Driving 7 DC motors sequentially ..................................................... 132
Figure 43.
Driving 3 DC motors: one current measurement via shunt resistor + 2 indirect current measurement ....... 133
Figure 44.
Driving 4 DC motors simultaneously with not sequentially gate drivers ............................ 134
Figure 45.
VFQFN48L (7x7x0.9 mm exp. pad down) package outline .................................... 135
L99MH98
List of figures
DS14611 - Rev 3
page 146/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com