Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 41Page - STMicroelectronics L99LD01 Datasheet HTML 42Page - STMicroelectronics L99LD01 Datasheet HTML 43Page - STMicroelectronics L99LD01 Datasheet HTML 44Page - STMicroelectronics L99LD01 Datasheet HTML 45Page - STMicroelectronics L99LD01 Datasheet HTML 46Page - STMicroelectronics L99LD01 Datasheet HTML 47Page - STMicroelectronics L99LD01 Datasheet HTML 48Page - STMicroelectronics L99LD01 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
DocID025319 Rev 3
45/69
L99LD01
Electrical specifications
68
VSC
Slope compensation input voltage range
-0.3 / + 5.3
V
VLHM
Limp home mode input pin voltage range
-0.3 ÷ VS+0.3
V
VPWM
Input L.F. PWM voltage range
-0.3 ÷ VS+0.3
V
VPWM_L
Logic level L.F. PWM input voltage range
-0.3 / +5.3
V
VMOUT
Multiplexed data output pin voltage range
-0.3 / +5.3
V
VG1
Driver 1 output voltage range
-0.3 / (VCC2 + 0.3)
V
VG2
Driver 2 gate output voltage range
-0.3 /
min (VCPB + 0.3, 68)
V
VEXT_VCC
External VCC voltage range
-0.3 / 5.3
V
VCPB
External capacitor voltage range
VISENSE+ - 0.8 V /
min (VISENSE+ + 16 V, 68 V)
V
VISENSE+
Positive sensing res. voltage range
-0.3 / 55
V
VISENSE-
Negative sensing res. voltage range
VISENSE+ - 5 V /
VISENSE+ +0.3 V
V
VSP
Sensing positive shunt res voltage range
-0.3 / +5.3
V
VSN
Sensing negative shunt res voltage range
-0.3 / +5.3
V
VINP_OV
overvoltage input pin voltage range
-0.3 ÷ VS+0.3
V
VRSF
External set frequency resistor voltage range
-0.3 / 5.5
V
VC5V
C5V ext capacitor voltage range
-0.3 / 5.5
V
VRC COMP
External RC network input pin voltage range
-0.3 / 5.5
V
VNTC
External NTC resistor input voltage range
-0.3 / 5.5
V
VLED
LED chain drop voltage detection input range
-0.3 / + 65
V
VLMODE
LED Mode switch voltage range
-0.3 / +5.3
V
VESD
Electrostatic discharge (HBM R = 1.5 k
Ω; C = 100 pF)
± 2
kV
VESD
CDM model all pin
500
V
VESD
CDM for corner pin
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 15. Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 16. Thermal data
Symbol
Parameter
Value
Unit
RThj-case
Thermal resistance junction to case
27
°C/W
RThj-amb
Thermal resistance junction to ambient
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com