Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 14Page - STMicroelectronics L99LD01 Datasheet HTML 15Page - STMicroelectronics L99LD01 Datasheet HTML 16Page - STMicroelectronics L99LD01 Datasheet HTML 17Page - STMicroelectronics L99LD01 Datasheet HTML 18Page - STMicroelectronics L99LD01 Datasheet HTML 19Page - STMicroelectronics L99LD01 Datasheet HTML 20Page - STMicroelectronics L99LD01 Datasheet HTML 21Page - STMicroelectronics L99LD01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
Functional description
L99LD01
18/69
DocID025319 Rev 3
and RSLOPE and RT are defined in the Figure 8, together with their typical values.
Therefore, will result:
and consequently:
where T is the period of the converter oscillator.
The additional compensating current slope can be simply adjusted by properly setting the
value of the external resistor R9 (and consequently RT).
Figure 8. Internal structure of the slope compensation circuit
2.2.3
LED chain overvoltage detection
Via the external resistor divider (R5, R6) it is possible to detect LED overvoltage events, by
programming a threshold for the maximum drop voltage of the LED chain for a specific LED
board (see Section 2.2.12 for details). In case Boost or Fly back topology is used, the
LMODE pin must be connected to GND. In this case the voltage at pin VLED will be referred to
ground. Instead, if Buck Boost topology is used, the LMODE pin must be connected to 5 V or
left open. An internal pull up current source keep this pin high, and in this case, the voltage
applied by the resistor divider R5/R6 at pin VLED will be referred to the battery voltage
applied at pin VS. If a valid overvoltage event occurs, which is detected if the LED drop
voltage reaches a value VLED ≥ OV_TH1, the device is switched off immediately forcing the
I2
V
OSC
R
T
----------------
⋅
=
V
ADD
2V
OSC
R
SLOPE
R
T
-----------------------
⋅⋅
=
S
ADD
V
ADD
T
---------------
2V
OSC RSLO PE
⋅⋅
R
T T
⋅
---------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com