Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 3Page - STMicroelectronics L99LD01 Datasheet HTML 4Page - STMicroelectronics L99LD01 Datasheet HTML 5Page - STMicroelectronics L99LD01 Datasheet HTML 6Page - STMicroelectronics L99LD01 Datasheet HTML 7Page - STMicroelectronics L99LD01 Datasheet HTML 8Page - STMicroelectronics L99LD01 Datasheet HTML 9Page - STMicroelectronics L99LD01 Datasheet HTML 10Page - STMicroelectronics L99LD01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
DocID025319 Rev 3
7/69
L99LD01
Block diagram and pin description
68
Table 1. Pin description
Pin
number
Pin name
Function
1VCC1
5 V internal voltage regulator 1 output (external capacitor req.)
2
NRES
Reset I/O pin; active low
3
PWM_L
Logic low frequency PWM input
4
SDI
Serial SPI data input
5
SDO
Serial SPI data output
6
SCK
SPI clock
7
CSN
Chip select not
8
MOUT
Multiplexed data output pin
9
EXT_VCC
Internal/external up supply voltage programming pin(1)
1.
In case of externally supplied microcontroller, attach this pin to its external supply voltage pin.
10
INP_OV
Battery overvoltage programming pin
11
PWM
Low frequency PWM input (battery compatible)
12
LHM
Limp home mode input pin
13
LMODE
Switch input pin (connect to GND if LED drop voltage is referred to GND
or open (5 V) if LED drop is referred to VS)
14
GND2
GND of controller
15
NTC
Output for external N.T.C. resistor
16
RCCOMP
External R C compensation network
17
VLED
Input for LED chain overvoltage detection
18
CPB
Charge pump buffer capacitor
19
G2
Gate 2 output for external PMOS M2
20
ISENSE-
Negative terminal of the LED sense resistor
21
ISENSE+
Positive terminal of the LED sense resistor
22
C5V
Output for 5 V buffer capacitor
23
PGND
Power ground
24
G1
Gate 1 output for external PMOS M1
25
VCC2
10 V voltage regulator 2 output (ext. capacitor required)
26
ISN
Negative terminal of the shunt resistor
27
ISP
Positive terminal of the shunt resistor
28
GND1
GND of controller
29
ENABLE
Enable pin
30
VS
Supply voltage input pin
31
SC
Slope compensation setting resistor
32
RSF
Oscillator frequency setting resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com