Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 34Page - STMicroelectronics L99LD01 Datasheet HTML 35Page - STMicroelectronics L99LD01 Datasheet HTML 36Page - STMicroelectronics L99LD01 Datasheet HTML 37Page - STMicroelectronics L99LD01 Datasheet HTML 38Page - STMicroelectronics L99LD01 Datasheet HTML 39Page - STMicroelectronics L99LD01 Datasheet HTML 40Page - STMicroelectronics L99LD01 Datasheet HTML 41Page - STMicroelectronics L99LD01 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
SPI functional description
L99LD01
38/69
DocID025319 Rev 3
3.5
Control registers (RAM)
Control registers 1
Address:
0x01h
Type:
R/W
Reset:
0000 0000 0000 1110b
15
14
13
12
11
10
98765
43210
Reserved
Mux[[1:0]
En_Ntc
Bit [6:15] Reserved
Bit [5:4] Mux[1:0]:
00 (default): the signal on the PWM pin is reflected on Mout pin
01: the signal on the VLED is reflected on Mout pin
10: the signal on NTC is selected
11: the signal on Lmode pin is selected
Bit [3] Mux_En:
0: the Mout pin is inactive (tristate)
1: the Mout pin is active (default)
Bit [2] En_Ntc:
When set, the current fold back feature enabled in case of LED overtemperature
conditions.
This bit is ignored in case of any LIMP MODE and the LED temperature monitoring is
activated (the NTC control is internal)
Bit [1] WD_Period:
0: WD timeout = 100 ms
1: WD timeout = 200 ms (default)
Bit [0] WD_trig:
This bit must be toggled within the WD period to refresh the WD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com