Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 16Page - STMicroelectronics L99LD01 Datasheet HTML 17Page - STMicroelectronics L99LD01 Datasheet HTML 18Page - STMicroelectronics L99LD01 Datasheet HTML 19Page - STMicroelectronics L99LD01 Datasheet HTML 20Page - STMicroelectronics L99LD01 Datasheet HTML 21Page - STMicroelectronics L99LD01 Datasheet HTML 22Page - STMicroelectronics L99LD01 Datasheet HTML 23Page - STMicroelectronics L99LD01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
Functional description
L99LD01
20/69
DocID025319 Rev 3
In case VCC1 voltage drops below the internal threshold during the normal functioning, or
when the device is put in standby, the NRES pin is forced to low, but after a time interval TRR
has expired and kept low until the VCC1 has gone back again to the internal threshold (see
Figure 4 for more details).
2.2.7
Watchdog
In case the application uses a microcontroller, during the device power-up a reset pulse is
generated periodically every 200 ms (default) for 2.0 ms waiting for microcontroller
acknowledgment. Timeout window is selectable by SPI (100 ms or 200 ms) and the reset
time could be extended by the external capacitor C6.
•
Timeout WD is refreshed by bit toggling.
•
After the 1st WD timeout, a reset pulse is generated and the device enters in Limp
Home mode. After the second WD timeout, another reset pulse cycle is generated,
waiting for microcontroller response.
•
After 3 consecutive reset cycles without WD refresh, which means that microcontroller
is not responding, the voltage regulator, VCC1, is turned off and the device keeps
working in “Limp Home Mode” (see Figure 33). Safety critical functions like Low Beam
application require the LED Driver to be turned on if the microcontroller fails, while in
case of high beam application, it is required the driver to be switched off in case of
microcontroller failure. As a consequence, the device operates according to the state of
LHM pin which is enabled during the recognition of the microcontroller failure. In
particular, if LHM pin is kept low the device will be always OFF. If instead, LHM pin is
high or left open, the device will be switched permanently ON, regardless of the status
of PWM_L pin.If the application doesn’t use a microcontroller (stand alone operation),
the start-up WD control must to be deactivated. This can be done by connecting NRES
pin to the battery supply voltage VS. In such a case the driver will operate in normal
mode as above mentioned (see stand alone operation).
2.2.8
Standby and wake up by ENABLE pin
A low consumption mode is required in case of applications directly connected to the
battery.
The device enters in standby mode, that is the default operating modes because of an
internal pull down, in case of low level signal at the ENABLE pin and it wakes up in case of
high level signal.During standby mode, VCC1 and VCC2 are switched off. Figure 9 and
Figure 10 show two possible application schematics in case of direct connection to the
battery.
In case of Figure 9 the microcontroller of the application goes in standby when the
microcontroller sets the LIN transceiver in standby mode: NSLP = Low
→INH goes
Low
→the DRL driver goes in standby.
The application is waken up from the standby when a wake up source is detected by the LIN
transceiver. That means INH goes high and so ENABLE, then the DRL driver restarts and
consequently VCC1 is activated and supplies the microcontroller.
In case of Figure 10, a power management device is present, which supplies the
microcontroller. Normally the inverted FSO signal coming from the power management
device is high. This output is inverted by an external logic and applied to one of the two input
OR diodes and therefore, at the input of the OR the voltage is normally at logical zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com