Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 46Page - STMicroelectronics L99LD01 Datasheet HTML 47Page - STMicroelectronics L99LD01 Datasheet HTML 48Page - STMicroelectronics L99LD01 Datasheet HTML 49Page - STMicroelectronics L99LD01 Datasheet HTML 50Page - STMicroelectronics L99LD01 Datasheet HTML 51Page - STMicroelectronics L99LD01 Datasheet HTML 52Page - STMicroelectronics L99LD01 Datasheet HTML 53Page - STMicroelectronics L99LD01 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
Electrical characteristics
L99LD01
50/69
DocID025319 Rev 3
(VISENSE+ -
VISENSE-)_TH
LED over current
protection threshold
V(ISENSE+) = 25 V;
VLREF =VLREF_16;
VRCCOMP =2 V
VLREF +
0.03
VLREF +
0.08
VLREF +
0.14
V
ISENSE_CD
Current consumption
from ISENSE+
(LED_OV)
VSENSE+ =VSENSE- =25V
3
5
10
mA
VSENSE_MAX_1
Threshold at pin
ISENSE+ for overvoltage
protection (activation)
49.5
52
54
V
VSENSE_MAX_2
Threshold at pin
ISENSE+ for overvoltage
protection (de-
activation)
25
33
35
V
VOFFS
OTA input offset voltage
VLREF = 0 V; V(ISENSE+) = 25 V;
VRCCOMP =2 V
-10
10
mV
IOFFS
OTA input offset current
V(ISENSE+) = 25 V;
VRCCOMP =2 V
10
µA
GM
Transconductance gain
V(ISENSE+) = 25 V;
VRCCOMP =2 V
0.95
1.2
mS
-ICOMP
Sourced output current
VLREF =VLREF_16;
(VISENSE+ - VISENSE-)= 0
50
175
µA
ICOMP
Sunk output current
VLREF =VLREF_16;
(VISENSE+ - VISENSE-)= 300 mV
50
175
µA
VLREF =VLREF_16;
(VISENSE+ - VISENSE-)= 1 V
100
300
VCOMP
Output voltage range
0
3.5
V
VLREF_16
Default internal voltage
reference for constant
LED current regulation
Internal LED current
register = 16d; VNTC =5 V;
VISENSE+ =25V
138
150
162
mV
VLREF
Internal voltage
reference range for
setting output LED
current(1)
VNTC =5 V
(8 + N) /
24 *
VLREF_16
(2)
mV
VLREF_NTC
Max internal VLREF
reduction caused by
NTC intervention
(thermal LED current
reduction)
VNTC =0 V
0.5 *
VLREF
mV
VLREF_STEP
Internal voltage
reference step
4 / 3 *
(VLREF_16
/ 31)
mV
ISP, ISN pin characteristics
VSP, VSN
Shunt resistor input
voltage range
-0.3
5
V
Table 24. ISENSE+, ISENSE- pin, and O.T.A. characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com