Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 47Page - STMicroelectronics L99LD01 Datasheet HTML 48Page - STMicroelectronics L99LD01 Datasheet HTML 49Page - STMicroelectronics L99LD01 Datasheet HTML 50Page - STMicroelectronics L99LD01 Datasheet HTML 51Page - STMicroelectronics L99LD01 Datasheet HTML 52Page - STMicroelectronics L99LD01 Datasheet HTML 53Page - STMicroelectronics L99LD01 Datasheet HTML 54Page - STMicroelectronics L99LD01 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
DocID025319 Rev 3
51/69
L99LD01
Electrical characteristics
68
VSP-VSN
Differential input
voltage range
-0.3
0.5
V
GLA_CPK
Gain of internal linear
amplifier
VSP = 100 mV; VSN =0 V; Pin
SC floating
89.8
12
VLA_OFFS
Linear amplifier output
offset voltage
VSP =VSN = 0
150
350
mV
VCL_31
Default internal
reference for the
current limiter(3)
Internal C.L. register = 31
3.5
V
(VSP-VSN)TH
Differential threshold
voltage for activate max
input current prot.
Internal C.L. register = 31;
VSC =5 V
300
350
400
mV
VCL
Internal C.L. voltage
reference range
0.279 *
VCL_31
VCL_31
V
VCL_STEP
Internal C.L. voltage
reference step
(0.721 *
VCL_31 /
31)
V
1.
Writing into 5 bit LED Current Register via SPI.
2.
N is the number corresponding to the 5 bits of LED_CURR control register.
3.
Settable by loading the 5 bit C.L. Register via SPI.
Table 24. ISENSE+, ISENSE- pin, and O.T.A. characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Table 25. SC pin characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VSC_low
Min ramp voltage at pin SC
ISC =0
0.2
0.45
V
VSC_HIGH
Max ramp voltage at pin SC
ISC = 0
1.4
2
2.6
V
RSC
Ext. resistor range
10
1000
k
Ω
Table 26. VLED pin characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VLED
Operative input voltage range for OV
detection
LMODE =low
0
5
V
LMODE =high
VS
VS+5
RVLED_PD
Pull down resistor
0.4
0.8
1.2
m
Ω
OV_TH1
LED overvoltage threshold 1
boost application
LMODE = low
3.4
3.5
3.6
V
OV_TH2
LED overvoltage threshold 2
boost application
LMODE = low
2.3
2.5
2.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com