Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 37Page - STMicroelectronics L99LD01 Datasheet HTML 38Page - STMicroelectronics L99LD01 Datasheet HTML 39Page - STMicroelectronics L99LD01 Datasheet HTML 40Page - STMicroelectronics L99LD01 Datasheet HTML 41Page - STMicroelectronics L99LD01 Datasheet HTML 42Page - STMicroelectronics L99LD01 Datasheet HTML 43Page - STMicroelectronics L99LD01 Datasheet HTML 44Page - STMicroelectronics L99LD01 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
DocID025319 Rev 3
41/69
L99LD01
SPI functional description
68
3.6
Status registers
Status registers 1
Address:
0x04h
Type:
R/C
15
14
13
12
11
10
98765
43210
Reserved
Vs_Ov
Vs_Uv
Led_Oc Led_Ov
WD_fail
—
R(1)
R
R(1)
R/C(2)
R
R/C(2)
1.
“Read only”, real time bit.
2.
These bits are latched until a “Read and Clear” access.
Bit [15:13] Reserved
Bit [12] Lmode_Err: this bit is set if a mismatch between the signal on LMODE pin and VLED
pin is detected.
Bit [11] Vs_Ov: is set if an overvoltage event at the supply line is detected
Bit [10] Vs_Uv: is set if an under voltage event at the supply line is detected
Bit [9] Led_Temp_Warn: temperature warning for the LED
Bit [8] Led_Oc: Is set if an over current event across the LED chain is detected
Bit [7] Led_Ov: is set if an overvoltage event across the LED chain is detected
Bit [6] Vcc1_Off: when set, this bit indicated that VCC1 is off
Bit [5] Vcc1_Fail
Indicates that:
VCC1 is below VCC1_FAIL threshold for typ. 2 µs in active mode
VCC1 is below VCC1_FAIL threshold for more than 4 ms typ. during start up
Bit [4] Vcc1_Uv_To: this bit is set in active mode if VCC1 is below the reset threshold for more
than typ. 2 ms
Bit [3] Vcc1_Ot: set if an overtemperature condition has been detected on VCC1
Bit [2] Vcc1_Sc: indicates a short circuit on VCC1.
This bit is set if VCC1 stays below the VCC1_FAIL threshold 4 ms (typ.) after the power
on reset or below the reset threshold 100 ms after the POR (Power On Reset)
Bit [1] SDI_stuck@
Bit [0] WD_fail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com