Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 32Page - STMicroelectronics L99LD01 Datasheet HTML 33Page - STMicroelectronics L99LD01 Datasheet HTML 34Page - STMicroelectronics L99LD01 Datasheet HTML 35Page - STMicroelectronics L99LD01 Datasheet HTML 36Page - STMicroelectronics L99LD01 Datasheet HTML 37Page - STMicroelectronics L99LD01 Datasheet HTML 38Page - STMicroelectronics L99LD01 Datasheet HTML 39Page - STMicroelectronics L99LD01 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
SPI functional description
L99LD01
36/69
DocID025319 Rev 3
3Fh clears all status registers simultaneously and reads back the configuration register
(GLOBCTR).
Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first. The
command byte allows to determine which register content is read then erased while the data
byte is ‘don’t care’.
Outgoing data are shifted out MSB first on the falling edge of the CSN pin and others on the
falling edge of the serial clock (SCK). The first byte corresponds to the Global Status byte
and the second to the content of the addressed register.
In order to avoid inconsistency between the Global status byte and the status register, the
status register contents are frozen during SPI communication.
Figure 25. SPI read and clear operation
Read device information
Specific information can be read but not modified during this mode.
Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first. The
command byte allows to determine which information is read while the data byte is ‘don’t
care’.
Outgoing data are shifted out MSB first on the falling edge of the CSN pin and others on the
falling edge of the serial clock (SCK). The first byte corresponds to the Global Status byte
and the second to the content of the addressed register.
CSN
SDO
SDI
MSB
MSB
MSB
LSB
LSB
LSB
Command Byte
Global Status Byte
(8 bit)
Data
(8 bit)
Don’t care
(8 bit)
1LSB
0
Address
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com