Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 35Page - STMicroelectronics L99LD01 Datasheet HTML 36Page - STMicroelectronics L99LD01 Datasheet HTML 37Page - STMicroelectronics L99LD01 Datasheet HTML 38Page - STMicroelectronics L99LD01 Datasheet HTML 39Page - STMicroelectronics L99LD01 Datasheet HTML 40Page - STMicroelectronics L99LD01 Datasheet HTML 41Page - STMicroelectronics L99LD01 Datasheet HTML 42Page - STMicroelectronics L99LD01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
DocID025319 Rev 3
39/69
L99LD01
SPI functional description
68
Control registers 2
Address:
0x02h
Type:
R/W
Reset:
0101 1110 0001 1111b
15
14
13
12
11
10
9
876543210
Fdev[2:0]
Fmod[1:0]
Dith_En
Led_Curr[4:0]
Max_Curr[4:0]
Bit [15:13] Fdev[2:0]: frequency deviation of the internal oscillator (see Table 12)
Bit [12:11] Fmod[1:0]: frequency modulation of the internal oscillator (see Table 13)
Bit [10] Dith_En: enable or disable random dither effect.
If this bit is set Dithering is enabled;
If the bit is reset, the dithering is disabled
Bit [9:5] Led_Curr[4:0]: these bits set the LED current.
The LED current is given by:
0.05 + (0.2 * Led_Curr[4:0]d) / 31) / (RSENSE) [A] (typ)
Where Led_Curr[4:0]d = decimal value of Led_Curr[4:0]
Bit [4:0] Max_Curr[4:0]: these bits set the maximum input current.
The internal current limiter voltage threshold is:
1 + (2.5 * Max_Curr[4:0]d) / 31 in [V] (typ)
Considering the gain of the amplifier of 10, the current limitation is:
(1 + 2.5 * Max_Curr[4:0]d / 31) / (10 RSHUNT) (typ);
Where Max _Curr[4:0]d = decimal value of Max_Curr[4:0]
Table 12. Internal oscillator frequency deviation settings
Fdev[2]
Fdev[1]
Fdev[0]
Frequency deviation
00
0
0 %
00
1
5 %
01
0
10 %
01
1
15 %
10
0
20 %
10
1
25 %
11
0
30 %
Table 13. Internal oscillator frequency modulation settings
Fmod[1]
Fmod[0]
Frequency modulation
00
1.95 kHz
01
3.9 kHz
10
7.8 kHz
1
1
15.6 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com