Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 28Page - STMicroelectronics L99LD01 Datasheet HTML 29Page - STMicroelectronics L99LD01 Datasheet HTML 30Page - STMicroelectronics L99LD01 Datasheet HTML 31Page - STMicroelectronics L99LD01 Datasheet HTML 32Page - STMicroelectronics L99LD01 Datasheet HTML 33Page - STMicroelectronics L99LD01 Datasheet HTML 34Page - STMicroelectronics L99LD01 Datasheet HTML 35Page - STMicroelectronics L99LD01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
SPI functional description
L99LD01
32/69
DocID025319 Rev 3
Figure 22. SPI global error information output
3.2
Signal description
•
Serial Clock (SCK): this input signal provides the timing of the serial interface. Data
present at Serial Data Input (SDI) is latched on the rising edge of Serial Clock (SCK).
Data on Serial Data Out (SDO) is shifted out at the falling edge of Serial Clock (SCK).
•
Serial Data Input (SDI): This input is used to transfer data serially into the device. It
receives the data to be written. Values are latched on the rising edge of Serial Clock
(SCK).
•
Serial Data Output (SDO): this output signal is used to transfer data serially out of the
device. Data is shifted out on the falling edge of Serial Clock (SCK). SDO also reflects
the status of the <Global Error Flag> (Bit 7 of the <Global Status Register>) while CSN
is low and no clock signal is present
•
Chip Select Not (CSN): when this input signal is High, the device is deselected and
Serial Data Output (SDO) is high impedance. Driving this input Low enables the
communication. The communication must start and stop on a Low level of Serial Clock
(SCK).
3.3
SPI protocol
3.3.1
SDI, SDO format
SDI format during each communication frame starts with a command byte.
It begins with two bits of operating code (OC0, OC1) which specify the type of operation
(read, write, read and clear status, read device information) and is followed by a 6 bit
address (A0:A5). The command byte is followed by an input data byte (D0:D15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com