Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 8Page - STMicroelectronics L99LD01 Datasheet HTML 9Page - STMicroelectronics L99LD01 Datasheet HTML 10Page - STMicroelectronics L99LD01 Datasheet HTML 11Page - STMicroelectronics L99LD01 Datasheet HTML 12Page - STMicroelectronics L99LD01 Datasheet HTML 13Page - STMicroelectronics L99LD01 Datasheet HTML 14Page - STMicroelectronics L99LD01 Datasheet HTML 15Page - STMicroelectronics L99LD01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Functional description
L99LD01
12/69
DocID025319 Rev 3
The following Figure 4, Figure 5 (a), (b) and Figure 6 (a) show the behavior of the device
and NRES during start-up in case of normal VS ramp up or in case of VCC1 failures (VCC1 fail
or reset under voltage), both with microcontroller and standalone. Figure 6 (b) and Figure 7
show the behavior at VS ramp down fast and slow respectively.
Limp home VCC1 on 
limp home VCC1 off
3 consecutive WD timeouts
(microcontroller is supplied by
VCC1)
Power on reset OR toggling
of EN pin
Fail Safe bit = 0
WD_Fail bit = 0
Reset bit = 1
3 consecutive WD timeouts
(microcontroller is supplied by
another VREG)
Read and clear Status1
AND WD trigger
Fail Safe bit = 0
WD_Fail bit = 0
Start up
limp home
VCC1 off
VCC1 < VCC1_FAIL during start up
for more than 4 ms
Power on reset
Failsafe bit = 0
Vcc1_Sc bit = 0
Reset bit = 1
VCC1 < VCC1_FAIL during start up
for more than 4 ms
(microcontroller supplied by
another VREG)
Read and clear Status1
AND WD trigger OR
Toggling of EN pin
Failsafe bit = 0
Vcc1_Sc bit = 0
Vcc1_Fail = 0
VCC1 < VCC1_TH for more than
100 ms during start up AND
VS >VSMIN
Power on reset OR toggling
of EN pin
Fail Safe bit = 0
Vcc1_Sc bit = 0
Reset bit = 1
VCC1 < VCC1_TH for more than
100 ms during start up AND
VS >VSMIN (microcontroller
supplied by another VREG)
Read and clear Status1
AND WD trigger
Fail Safe bit = 0
Vcc1_Sc bit = 0
Any state except normal
mode standalone
 limp
home VCC1 off
VCC1 over temperature
Read and clear Status1
AND WD trigger
Fail Safe bit = 0
Vcc1_Ot bit = 0
Normal mode
SW limp home
Software limp home is activated
Reset Lh_Sw bit AND
WD trigger
Fail Safe bit = 0
Lh_Sw_St = 0
Table 2. Limp home mode: recovery paths (continued)
Transition
Root cause
Action to get back to
normal mode
Response in the
next SPI command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com