Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 13Page - STMicroelectronics L99LD01 Datasheet HTML 14Page - STMicroelectronics L99LD01 Datasheet HTML 15Page - STMicroelectronics L99LD01 Datasheet HTML 16Page - STMicroelectronics L99LD01 Datasheet HTML 17Page - STMicroelectronics L99LD01 Datasheet HTML 18Page - STMicroelectronics L99LD01 Datasheet HTML 19Page - STMicroelectronics L99LD01 Datasheet HTML 20Page - STMicroelectronics L99LD01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
DocID025319 Rev 3
17/69
L99LD01
Functional description
68
reduced (maximum 50 % of the nominal LED current), not allowing the LED temperature to
increase over the programmed limit.
Thermal limit intervention is reported by properly setting a bit inside the internal status
register.
2.2.2
Slope compensation
Slope compensation is needed to ensure the stability of the control loop with all possible
values of duty cycle
(0 < D < 1)
especially for duty cycle greater than 0.5. The recommended slope SADD of the additional
ramp is proportional to the inductor current slope during the turn off phase, that is:
where SADD is the additional slope introduced by the circuit,
is the off-time inductor slope and
SL is also given by the formula:
Being GLA the gain of the linear amplifier (see Chapter 5: Electrical characteristics for GLA
parameter values) and RSHUNT is the resistor across pin ISP and ISN (see Chapter 7:
Application circuits).
The simplified internal circuit structure for the slope compensation is shown in Figure 8.
The additional slope is obtained from the internal oscillator ramp voltage. A fraction of the
oscillator voltage ramp is added to the output voltage of the sensing amplifier, which is
proportional to the sense resistor voltage drop, and therefore, to the current flowing through
power mosfet M1.
The added ramp voltage is
where
D
T
ON
T
-----------
=
S
ADD
α S
L
⋅
=
S
L
dI
L
dt
--------
OFF
=
0.5
α 1
<<
S
L
G
LA RSHUN T
V
OU T
V
IN
–
()
⋅⋅
L
--------------------------------------------------------------------------------
=
V
ADD
IR
SLOPE
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com