Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 45Page - STMicroelectronics L99LD01 Datasheet HTML 46Page - STMicroelectronics L99LD01 Datasheet HTML 47Page - STMicroelectronics L99LD01 Datasheet HTML 48Page - STMicroelectronics L99LD01 Datasheet HTML 49Page - STMicroelectronics L99LD01 Datasheet HTML 50Page - STMicroelectronics L99LD01 Datasheet HTML 51Page - STMicroelectronics L99LD01 Datasheet HTML 52Page - STMicroelectronics L99LD01 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
DocID025319 Rev 3
49/69
L99LD01
Electrical characteristics
68
Table 22. Converter oscillator and RSF pin characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VRSF
Voltage at pin RSF
IRSF = 42 µA
1.12
1.21
1.25
V
FO
DC-DC converter frequency range
See Figure 12
100
520
kHz
FO_S
Oscillator frequency spread at
125 kHz
IRSF =17 µA
(FO ≈ 125 kHz)
100
125
150
kHz
FO_S
Oscillator frequency spread at
300 kHz
IRSF =42 µA
(FO ≈ 300 kHz)
240
300
360
kHz
FO_S
Oscillator frequency spread at
470 kHz
IRSF =67 µA
(FO ≈ 470 kHz)
420
470
520
kHz
Duty cycle
max
DC-DC converter max duty cycle
limit
90
%
Duty cycle min
DC-DC converter min duty cycle
limit
10
%
FMOD
Modulation frequency of the internal
oscillator
See Section 3.5: Control
registers (RAM) FMOD[0:1]
1.95, 3.9, 7.8, 15.6
kHz
D% =
∆F
0 / F0
Frequency deviation factor
See Section 3.5: Control
registers (RAM) FDEV[0:2]
0 to ±35 (step ±5 %)
%
Table 23. PWM_L, PWM, MOUT pin characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
TONPWM_L
Minimum PWM_L on time
QG = 9 nC
100
µs
PWM_LLOW
Low level PWM_L input voltage
1
V
PWM_LHIGH
High level PWM_L input voltage
4
V
IPWM_L_PD
Pull down current source
20
28
35
µA
PWMLOW
Low level PWM input voltage
1
V
PWMHIGH
High level PWM input voltage
4
V
RPWM_PD
Pull Down resistor
50
230
500
k
Ω
VMOUT_H
High state output voltage (digital mode)
-IMOUT = 0.1 mA
4
V
VMOUT_L
Low state output voltage (digital mode)
IMOUT = 0.1 mA
1
V
ZMOUT
Analogue mode output impedance
10
k
Ω
Table 24. ISENSE+, ISENSE- pin, and O.T.A. characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VISENSE+
VISENSE-
Common mode input
range
VS -0.3
49
V
(VISENSE+ -
VISENSE-)
Operative differential
input voltage range
-1
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com