Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 18Page - STMicroelectronics L99LD01 Datasheet HTML 19Page - STMicroelectronics L99LD01 Datasheet HTML 20Page - STMicroelectronics L99LD01 Datasheet HTML 21Page - STMicroelectronics L99LD01 Datasheet HTML 22Page - STMicroelectronics L99LD01 Datasheet HTML 23Page - STMicroelectronics L99LD01 Datasheet HTML 24Page - STMicroelectronics L99LD01 Datasheet HTML 25Page - STMicroelectronics L99LD01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
Functional description
L99LD01
22/69
DocID025319 Rev 3
The external resistor applied between pin RSF and ground is setting the converter working
frequency. The voltage applied on pin RSF is the internal reference reported by the source
follower structure which is a constant voltage of 1.21 V. The converter frequency is directly
related to the current flowing through the RSF pin. Figure 12 reports the behavior of
frequency converter as function of the external resistor RSF and IRSF as function of
converter frequency. As above mentioned the converter oscillator spread parameters (dither
effect) are adjustable via SPI.
Dither effect is disabled by default during standalone operation, but it is possible enabling it
simply connecting the SDI pin to 5 V voltage.
Figure 11. Internal structure of main converter oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com