Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 33Page - STMicroelectronics L99LD01 Datasheet HTML 34Page - STMicroelectronics L99LD01 Datasheet HTML 35Page - STMicroelectronics L99LD01 Datasheet HTML 36Page - STMicroelectronics L99LD01 Datasheet HTML 37Page - STMicroelectronics L99LD01 Datasheet HTML 38Page - STMicroelectronics L99LD01 Datasheet HTML 39Page - STMicroelectronics L99LD01 Datasheet HTML 40Page - STMicroelectronics L99LD01 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
DocID025319 Rev 3
37/69
L99LD01
SPI functional description
68
Figure 26. SPI read device information
3.4
Address mapping
T
CSN
SDO
SDI
MSB
MSB
MSB
LSB
LSB
LSB
Command Byte
Global Status Byte
(8 bit)
Data
(8 bit)
Don’t care
(8 bit)
1LSB
1
Address
MSB
Table 10. RAM memory map
Address
Name
Access
Content
00h
Reserved
Read/write
Reserved
01h
Control register 1
Read/write
Mux settings, WD period and retrigger
02h
Control register 2
Read/write
Spread spectrum settings, max input current and LED current
settings
03h
Control register 3
Read/write
SW Limp Home, OTA/driver and converter delay control
04h
Status register 1
Read
Detailed status information
05h
Status register 2
Read
WD status, operation mode and LMode error
3E
Trimming and test
Read
Trimming bus and test mode select
3F
Configuration reg.
Read/write
WD retrigger bit
Table 11. ROM memory map
Address
Name
Access
Content
00h
ID header
Read only
4300h (ASSP ST_SPI)
01h
Version
Read only
0100h
02h
Product code 1
Read only
3100h (dec. 49)
03h
Product code 2
Read only
5100h (ASCII ‘Q’)
3Eh
SPI frame ID
Read only
4200h (Watchdog available, 24 bit ST-SPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com