Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 20Page - STMicroelectronics L99LD01 Datasheet HTML 21Page - STMicroelectronics L99LD01 Datasheet HTML 22Page - STMicroelectronics L99LD01 Datasheet HTML 23Page - STMicroelectronics L99LD01 Datasheet HTML 24Page - STMicroelectronics L99LD01 Datasheet HTML 25Page - STMicroelectronics L99LD01 Datasheet HTML 26Page - STMicroelectronics L99LD01 Datasheet HTML 27Page - STMicroelectronics L99LD01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
Functional description
L99LD01
24/69
DocID025319 Rev 3
If a LED overvoltage failure occurs afterwards, the failure will be latched and the converter is
stopped until a read and clear of the status register 1.
Note that during tDStart, the converter is stopped to enable the buffer capacitor C9 to charge
at a sufficient voltage to correctly drive the mosfet M2. This delay prevents the converter to
turn on, while M2 stays off, avoiding a LED overvoltage event.
If the application uses a big capacitor(a), it is recommended to keep the PWM_L signal low
after a power on reset or after a VS under voltage, until C9 is totally charged, to avoid a LED
overvoltage. Figure 13 shows the device behavior in case of no LED overvoltage failure,
after tDStart.
If C9, after tDStart time, should be not enough charged to allow correct driving operation, a
possible LED overvoltage will appear when, the converter will be released. Figure 14 shows
what happens in this case.
After tDStart, the converter is released while the C9 capacitor is only partially charged.
Consequently, VLED increases up to LED OV_TH1 and a LED overvoltage event is detected
during the tEnRecov phase. The LED_Ov_Rec bit is not reset at the end of the tEnRecov phase
due to the LED overvoltage event. The discharge path is activated until VLED crosses LED
OV_TH2. Then, the LED_Ov_Rec bit is reset, the converter is released, and the buffer
capacitor C9 is now fully charged, enabling the dimming mosfet M2 to turn on.
Figure 15 shows the case of LED_Ov_Rec bit during a start up with a rising edge on
PWM_L = High after the expiration of tDStart. In this case, the tEnRecov phase starts only
when the PWM_L signal goes High. Figure 16 shows the case of LED overvoltage event,
which could appear during normal functioning.
The LED overvoltage status bit is set (latched) and the discharge path is activated until VLED
crosses LED OV_TH2. The converter is stopped, independently from PWM_L, until a read
and clear command of the status register 1 (LED_Ov_Rec bit is reset).
If a LED overvoltage failure event occurs during VS overvoltage, (battery OV), the discharge
path for the output capacitor is inhibited and the LED overvoltage status bit is not set.
When the VS overvoltage event disappears, (VS crosses VS OV_TH2), the LED overvoltage
status bit is set (latched) and the discharge path is activated until VLED crosses LED
OV_TH2. The converter is stopped, independently from PWM_L, until the LED ov status bit
is cleared (read and clear of the status register 1). Figure 17 shows such a case.
Finally Figure 18 shows how will be managed the LED_Ov_Rec bit in case signal PWM_L
has a low on-time. In this case the LED_Ov_Rec bit is reset when the cumulated running
time of tEnRecov exceeds typ. 5 ms. This feature enables a single recovery of a LED
overvoltage event, due to a too fast regulation loop (set by the resistor and capacitor
connected to RCCOMP pin), even in PWM operation with low on-time. However, a proper
choice of RC network values, avoiding fast transients on the LED string voltage, when the
converter is switched ON, it is carefully recommended
a.
More than 22 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com