Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 29Page - STMicroelectronics L99LD01 Datasheet HTML 30Page - STMicroelectronics L99LD01 Datasheet HTML 31Page - STMicroelectronics L99LD01 Datasheet HTML 32Page - STMicroelectronics L99LD01 Datasheet HTML 33Page - STMicroelectronics L99LD01 Datasheet HTML 34Page - STMicroelectronics L99LD01 Datasheet HTML 35Page - STMicroelectronics L99LD01 Datasheet HTML 36Page - STMicroelectronics L99LD01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
DocID025319 Rev 3
33/69
L99LD01
SPI functional description
68
At the beginning of each communication the master device read the contents of the <SPI-
frame-ID> register (ROM address 3Eh) of the slave device. This 8 bit register indicates the
SPI frame length (24 bit) and the availability of additional features.
Each communication frame consists of a command byte which is followed by 2 data bytes.
The data returned on SDO within the same frame always starts with the <Global Status
Byte>. It provides general status information about the device. It is followed by 2 data bytes
(i.e. "in-frame-response").
For write cycles the <Global Status Byte> is followed by the previous content of the
addressed register.
SDO format during each communication frame starts with a specific byte called Global
Status Byte (see Section 3.3.2). This byte is followed by two output data byte (D0:D7,
D8:D15).
3.3.2
Global status byte description
The data shifted out on SDO during each communication starts with a specific byte called
Global Status Byte. This one is used to inform the microcontroller about global faults which
can be happened on the channel part (like thermal warning, OVL,...) or on the SPI interface
(like communication error,...). This specific register has the following format.
Table 4. Command byte (8 bit)
Bit
2322
2120
1918
1716
Name
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 5. Input data byte
Data Byte 1
Data Byte 0
Bit
15
14
13
12
11
10
987
65
432
10
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 6. Global status byte
Bit
23
22
21
20
19
18
17
16
Name
GEF
Comm_Err
Not (chip reset or
Comm_Error)
LED overload Temp. warning Overvoltage
VCC1
Error
Fail safe
Table 7. Output data byte
Data Byte 1
Data Byte 0
Bit
15
14
13
12
11
10
987
65
432
10
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com