Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 51Page - STMicroelectronics L99LD01 Datasheet HTML 52Page - STMicroelectronics L99LD01 Datasheet HTML 53Page - STMicroelectronics L99LD01 Datasheet HTML 54Page - STMicroelectronics L99LD01 Datasheet HTML 55Page - STMicroelectronics L99LD01 Datasheet HTML 56Page - STMicroelectronics L99LD01 Datasheet HTML 57Page - STMicroelectronics L99LD01 Datasheet HTML 58Page - STMicroelectronics L99LD01 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
DocID025319 Rev 3
55/69
L99LD01
SPI electrical characteristics
68
6.3
Dynamic characteristics
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V
≤ V
S ≤ 24 V; all outputs open; Tj = -40 °C to 150 °C, unless otherwise
specified.
For definition of the parameters please see Figure 29 and Figure 30.
Table 34. SPI dynamic characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tCSNQVL
DO enable from tristate to
low level
CDO = 100 pF; IDO =1 mA;
pull-up load to VCC;
VCC1 =5.0 V
100
250
ns
tCSNQVH
DO enable from tristate to
high level
CDO = 100 pF; IDO =-
1 mA; pull-down load to
GND; VCC1 =5.0 V
100
250
ns
tCSNQTL
DO disable from low level
to tristate
CDO = 100 pF; IDO =4 mA;
pull-up load to VCC;
VCC1 =5.0 V
380
450
ns
tCSNQTH
DO disable from high level
to tristate
CDO = 100 pF, IDO = -4 mA;
pull-down load to GND;
VCC1 =5.0 V
380
450
ns
tCLKQV
CLK falling until DO valid
VDO <0.3 VCC or
VDO >0.7 VCC; CDO =5 pF;
VCC1 =5.0 V
ns
VDO <0.3 VCC or
VDO >0.7 VCC;
CDO = 100 pF; VCC1 =5.0 V
ns
tSCSN
CSN setup time, CSN low
before rising edge of CLK
VCC1 = 5.0 V
400
ns
tSDI
DI setup time, DI stable
before rising edge of CLK
VCC1 = 5.0 V
200
ns
tHCLK
minimum CLK high time
VCC1 = 5.0 V
115
ns
tLCLK
minimum CLK low time
VCC1 = 5.0 V
115
ns
tHCSN
minimum CSN high time
VCC1 =5.0 V
4
µs
tSCLK
CLK setup time before
CSN rising
VCC1 = 5.0 V
400
ns
tr DO
DO rise time
CDO = 100 pF; VCC1 = 5.0 V
80
140
ns
tf DO
DO fall time
CDO = 100 pF; VCC1 = 5.0 V
50
100
ns
tr in
rise time of input signal
DI, CLK, CSN
VCC1 = 5.0 V
100
ns
tf in
fall time of input signal
DI, CLK, CSN
VCC1 = 5.0 V
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com