Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 42Page - STMicroelectronics L99LD01 Datasheet HTML 43Page - STMicroelectronics L99LD01 Datasheet HTML 44Page - STMicroelectronics L99LD01 Datasheet HTML 45Page - STMicroelectronics L99LD01 Datasheet HTML 46Page - STMicroelectronics L99LD01 Datasheet HTML 47Page - STMicroelectronics L99LD01 Datasheet HTML 48Page - STMicroelectronics L99LD01 Datasheet HTML 49Page - STMicroelectronics L99LD01 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
Electrical characteristics
L99LD01
46/69
DocID025319 Rev 3
5
Electrical characteristics
Values specified in this section are for 5.6 V
≤ V
S ≤ 24 V; -40 °C ≤ Tj ≤ 150 °C, unless
otherwise specified
Table 17. VS and VCC1 pin characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VS
Operative battery voltage
5.6
24
V
IS
Supply current consumption in
continuous mode (L.F.
PWM = 100 %)
VS =13.5V; FREQ = 300 kHz;
ICC1 =ICC2 =IC5V =0
20
mA
IS_STBY
Supply current consumption in
stand by mode
Enable = Low; LHM,CSN,PWM,
INP_OV = open; VNRES ≤ 5.5 V;
VS =13.5 V; Tj =25ºC
12
µA
VSMIN
Minimum VS required for
reaching VCC1 nominal value
VS ramp up
4.8
5.2
5.6
V
VSMIN_HYS
VSMIN hysteresis
VS ramp down
0.2
V
tVSM
VSMIN filtering time
13
16
23
µs
VCC1
D.C. logic supply output voltage 1 < -ICC1 <10mA
4.9
5
5.1
V
-ICC1
Output current capability
VS =13.5V; VCC1 =VCC1_1mA -
0.1 V(1)
50
mA
VCC1_DROP
Min voltage drop of VCC1
respect to VS:
VCC1_DROP =min (VS - VCC1)
-ICC1 =10mA
500
mV
VCC1_LINE
Line regulation voltage
-ICC1 = 10 mA;
VCC1@5.6 – VCC1@24
5mV
VCC1_LOAD
Load regulation voltage
-ICC1 = 1 to 10 mA; VS = 13.5 V
10
mV
VCC1_FAIL
VCC1 fail detection threshold
(2)
VS ≥VSMIN; VCC1 rising
2.4
2.6
2.8
V
VS ≥VSMIN; VCC1 falling
1.9
2.1
2.3
V
tLMODERR
Filtering time for LMODE error
13
16
23
µs
tOC
Filtering time for LED
overcurrent
13
16
23
µs
tLEDOV
Filtering time for LED
overvoltage
12
15
22
µs
tWD1
1st watchdog time-out period
85
100
135
ms
tWD2
2nd watchdog time-out period
170
200
275
ms
tV1F
Internal filtering time for vcc1 fail
detection
VS ≥ VSMIN
1.7
2
2.75
µs
tSHTV1A
Time to detect a short on V1
regulator at turn-on
VS ≥ VSMIN; VCC1 <VCC1_FAIL;
t
≥ t
SHTV1A
4ms
tSHTV1B
Time to detect a short on V1
regulator at turn-on
VS ≥ VSMIN;
VCC1_FAIL ≤ VCC1 ≤ VCC1_TH;
t
≥ t
SHTV1B
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com