Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 48Page - STMicroelectronics L99LD01 Datasheet HTML 49Page - STMicroelectronics L99LD01 Datasheet HTML 50Page - STMicroelectronics L99LD01 Datasheet HTML 51Page - STMicroelectronics L99LD01 Datasheet HTML 52Page - STMicroelectronics L99LD01 Datasheet HTML 53Page - STMicroelectronics L99LD01 Datasheet HTML 54Page - STMicroelectronics L99LD01 Datasheet HTML 55Page - STMicroelectronics L99LD01 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
Electrical characteristics
L99LD01
52/69
DocID025319 Rev 3
OV_TH1_VS
LED overvoltage threshold 1
buck-boost application
LMODE =high
VS +
3.2
VS +
3.55
VS +
3.8
V
OV_TH2_VS
LED overvoltage threshold 2
buck-boost application
LMODE =high
VS +
2.2
VS +
2.45
VS +
2.8
V
Table 26. VLED pin characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Table 27. INP_OV pin characteristics (input overvoltage shut down)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VINP_OV
Operative input overvoltage range
0
5
V
-IINP_OV
Pull UP current source at input INP_OV VINP_OV =0 V
10
18
25
µA
VINP_OV_TH1 Internal voltage reference 1
3.4
3.6
3.7
V
VINP_OV_TH2 Internal voltage reference 2
2.7
2.9
3.1
V
Table 28. NTC pin characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VNTC
Operative NTC voltage range
0
5
V
INTC
Pull down current source
VNTC=5 V
5
10
15
µA
VNTC_TH1
Reference for current LED thermal
regulation, temp ramp up
LED temp ramp up
1.13
1.2
1.27
V
VNTC_TH2
Reference for current LED thermal
regulation, temp ramp down
LED temp ramp down
1.38
1.45
1.52
V
Table 29. ENABLE, LHM pin characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VENABLE_L
Low level ENABLE input voltage
1
V
VENABLE_H
High level ENABLE input voltage
4
V
RENABLE_PD
Enable pull down resistor
50
250
500
k
Ω
VLHM_L
Low level limp home mode input pin
1
V
VLHM_H
High level limp home mode input pin
4
V
ILHM_PU
Limp home pin pull up current
VHLM = 0
10
18
25
µA
Table 30. Power on reset
Symbol
Parameter
Test condition
Min
Typ
Max
Units
POR_TH1
Internal power on reset threshold
VC5V rising; VS =13.5 V;
C5V = 10 µF
3.2
3.7
4.2
V
POR_TH2
Internal power on reset threshold
VC5V falling; VS = 13.5 V;
C5V = 10 µF
2.7
3.4
3.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com